Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVRF10 Datasheet(PDF) 10 Page - TDK Electronics

Part # AVRF10
Description  ESD Notch Filters For wireless audio equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVRF10 Datasheet(HTML) 10 Page - TDK Electronics

Back Button AVRF10 Datasheet HTML 2Page - TDK Electronics AVRF10 Datasheet HTML 3Page - TDK Electronics AVRF10 Datasheet HTML 4Page - TDK Electronics AVRF10 Datasheet HTML 5Page - TDK Electronics AVRF10 Datasheet HTML 6Page - TDK Electronics AVRF10 Datasheet HTML 7Page - TDK Electronics AVRF10 Datasheet HTML 8Page - TDK Electronics AVRF10 Datasheet HTML 9Page - TDK Electronics AVRF10 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20220309
(10/10)
notch-filter_commercial_avrf_en.fm
EMC Components
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using this products.
Please pay careful attention to the precautions and follow safe designing practices when using these products.
Please observe the following precautions in order to avoid problems with products such as characteristic degradation and element
destruction
Please store these products in an environment with a temperature of 5 to 40°C and humidity level of 20 to 70%RH, and use them
within six months.
Poor storage conditions may lead to the deterioration of the solderability of the edge electrodes, so please be careful to avoid contact
with humidity, dew condensation, dust, toxic gas (hydrogen, hydrogen sulfide, sulfurous acid, chlorine, ammonia, etc.), direct sunlight,
and so on.
Please do not use products that have been dropped or detached when mounting.
Please solder with the reflow soldering method, and not the flow (dip) soldering method.
Please observe the following precautions to avoid problems with products such as characteristic degradation and element destruction,
which ultimately lead to the generation of heat and smoke with the elements.
Do not use in locations where the temperatures exceed the operating temperature range such as under direct sunlight or near
sources of heat.
Do not use in locations where there are high levels of humidity such as under direct exposure to weather and areas where steam is
released.
Do not use in locations such as dusty areas, high-saline environments, places where the atmosphere is contaminated with corrosive
gas, etc.
Avoid powerful vibrations, impact (such as by dropping), pressure, etc. that may lead to splitting in the products.
Do not use with a voltage that exceeds the rated voltage.
When resin coating (including modular) a product, do not use a resin that will cause deterioration of the product. Be sure never to use
resin that generates hydrogen as palladium is used for the inner electrode.
Avoid attachment near combustible materials.
Please contact our sales offices when considering the use of the products listed on this catalog for applications, whose performance
and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage
to society, person or property ('specific uses' such as automobiles, airplanes,medical instruments, nuclear devices, etc.) as well as
when considering the use for applications that exceed the range and conditions of this catalog.
Please also contact us when using these products for automotive applications.
As range of catalog, conditions are transcended, or for damage that generated by was used in application specific, etc, accept no the
responsibility, wish.
Please take appropriate measures such as acquiring protective circuits and devices that meet the uses, applications, and conditions of
the instruments and keeping backup circuits.
REMINDERS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com