Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2ALT50CMBC Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # RUSB2ALT50CMBC
Description  50cm (20in) USB to Lightning Cable, MFi Certified, Coiled iPhone Charger Cable, Black, Durable TPE Jacket Aramid Fiber, Heavy Duty Coil Lightning Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RUSB2ALT50CMBC Datasheet(HTML) 2 Page - StarTech.com Ltd.

  RUSB2ALT50CMBC Datasheet HTML 1Page - StarTech.com Ltd. RUSB2ALT50CMBC Datasheet HTML 2Page - StarTech.com Ltd. RUSB2ALT50CMBC Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• USB TO LIGHTNING CABLE: Coiled cable stretches up to 20in (50cm) and contracts to 12.5in (32cm) preventing it
from being tangled; Strong but soft flexible TPE jacket, makes it easy to coil and put away in vehicle console or glove
compartment
• RUGGED DESIGN: High Quality USB A 2.0 cable reinforced with aramid fiber for increased tensile strength; Tested
to withstand 10000+ insertions & 5000+ bend cycles at 180 Durable TPE jacket and strain relief; TPE is non-toxic,
halogen free
• APPLE MFI CERTIFIED: USB-A to Lightning adapter cable for guaranteed fast & reliable charge/sync from USB-A
charger port for Lightning devices including iPhone 13/12 Pro/Max/Mini, iPhone 8/11/11 Pro, iPhone XR, iPad Air,
iPad, iPad Mini
• CHARGE LIGHTNING DEVICES: Coiled heavy duty cord charges devices with a Lightning port, includes AirPods,
Magic Keyboard, Magic Trackpad, Magic Mouse & Siri Remote, ideal for use in Charging Stations
• CABLE SPECS: Length: 20in (50 cm) Color: Black Cable Type: Coiled Connectors: Lightning & USB A
Performance: USB 2.0 480Mbps Reinforcement: Aramid Fiber Jacket Type: TPE Shield: Al-Mylar Heavy Duty
iPhone Charging Cable
Hardware
Warranty
2 Years
Connector Plating
Nickel
Cable Jacket Material
TPE - Thermoplastic Elastomers
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Maximum Cable Length
19.7 in [500 mm]
Type and Rate
USB 2.0 - 480 Mbit/s
Connector(s)
Connector A
1 - Apple Lightning Connector (8-pin)
Connector B
1 - USB 2.0 Type-A (4 pin, 480Mbps)
Environmental
Operating Temperature
0 to 80C (32 to 176F)
Storage Temperature
0 to 80C (32 to 176F)
Humidity
0% to 95% RH
Physical
Characteristics
Color
Black



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com