Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2ALT50CMBC Datasheet (PDF) - StarTech.com Ltd.

RUSB2ALT50CMBC Datasheet PDF - StarTech.com Ltd.
Part # RUSB2ALT50CMBC
Download  RUSB2ALT50CMBC Download
File Size   112.43 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 50cm (20in) USB to Lightning Cable, MFi Certified, Coiled iPhone Charger Cable, Black, Durable TPE Jacket Aramid Fiber, Heavy Duty Coil Lightning Cable

RUSB2ALT50CMBC Datasheet (PDF)

Go To PDF Page Download Datasheet
RUSB2ALT50CMBC Datasheet PDF - StarTech.com Ltd.

Part # RUSB2ALT50CMBC
Download  RUSB2ALT50CMBC Click to download

File Size   112.43 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 50cm (20in) USB to Lightning Cable, MFi Certified, Coiled iPhone Charger Cable, Black, Durable TPE Jacket Aramid Fiber, Heavy Duty Coil Lightning Cable

RUSB2ALT50CMBC Datasheet (HTML) - StarTech.com Ltd.


RUSB2ALT50CMBC Product details

Features
• USB TO LIGHTNING CABLE: Coiled cable stretches up to 20in (50cm) and contracts to 12.5in (32cm) preventing it
from being tangled; Strong but soft flexible TPE jacket, makes it easy to coil and put away in vehicle console or glove
compartment
• RUGGED DESIGN: High Quality USB A 2.0 cable reinforced with aramid fiber for increased tensile strength; Tested
to withstand 10000+ insertions & 5000+ bend cycles at 180 Durable TPE jacket and strain relief; TPE is non-toxic,
halogen free
• APPLE MFI CERTIFIED: USB-A to Lightning adapter cable for guaranteed fast & reliable charge/sync from USB-A
charger port for Lightning devices including iPhone 13/12 Pro/Max/Mini, iPhone 8/11/11 Pro, iPhone XR, iPad Air,
iPad, iPad Mini
• CHARGE LIGHTNING DEVICES: Coiled heavy duty cord charges devices with a Lightning port, includes AirPods,
Magic Keyboard, Magic Trackpad, Magic Mouse & Siri Remote, ideal for use in Charging Stations
• CABLE SPECS: Length: 20in (50 cm) Color: Black Cable Type: Coiled Connectors: Lightning & USB A
Performance: USB 2.0 480Mbps Reinforcement: Aramid Fiber Jacket Type: TPE Shield: Al-Mylar Heavy Duty
iPhone Charging Cable




Similar Part No. - RUSB2ALT50CMBC

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RUSB2AC1MB STARTECH-RUSB2AC1MB Datasheet
1Mb / 3P
Common Point Ground Monitor Installation, Operation and Maintenance
June 2021
RUSB2AC1MW STARTECH-RUSB2AC1MW Datasheet
69Kb / 3P
1m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A White - Samsung S10, iPad Pro, Pixel
RUSB2AC2MB STARTECH-RUSB2AC2MB Datasheet
69Kb / 3P
2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A Black - Samsung S10, iPad Pro, Pixel
RUSB2AC2MW STARTECH-RUSB2AC2MW Datasheet
56Kb / 3P
2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A White - Samsung S10, iPad Pro, Pixel
More results


Similar Description - RUSB2ALT50CMBC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100-004COIL-BK TRIPPLITE-M100-004COIL-BK Datasheet
492Kb / 2P
USB Sync/Charge Coiled Cable with Lightning Connector (M/M), Black, 4 ft.
M100-010-HD TRIPPLITE-M100-010-HD Datasheet
167Kb / 3P
Heavy-Duty USB Sync/Charge Cable with Lightning Connector, 10 ft. (3 m)
M102-01M-BK TRIPPLITE-M102-01M-BK Datasheet
165Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 1 m (3.3 ft.)
M102-01M-WH TRIPPLITE-M102-01M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M102-02M-BK TRIPPLITE-M102-02M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 2 m (6.6 ft.)
M102-02M-WH TRIPPLITE-M102-02M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
M102-003-HD-SL TRIPPLITE-M102-003-HD-SL Datasheet
178Kb / 3P
Heavy-Duty USB-C to Lightning Sync/Charge Cable with Status LED - MFi Certified, M/M, USB 2.0, 3 ft.
M102-03M-BK TRIPPLITE-M102-03M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 3 m (9.8 ft.)
logo
IOGEAR
GUL01 IOGEAR-GUL01 Datasheet
130Kb / 3P
Charge & Sync Cable, 3.3ft (1m) - USB to Lightning Cable
GUL02 IOGEAR-GUL02 Datasheet
130Kb / 3P
Charge & Sync Cable, 6.5 ft. (2m) - USB to Lightning Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com