Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2ALT50CMBC Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # RUSB2ALT50CMBC
Description  50cm (20in) USB to Lightning Cable, MFi Certified, Coiled iPhone Charger Cable, Black, Durable TPE Jacket Aramid Fiber, Heavy Duty Coil Lightning Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RUSB2ALT50CMBC Datasheet(HTML) 1 Page - StarTech.com Ltd.

  RUSB2ALT50CMBC Datasheet HTML 1Page - StarTech.com Ltd. RUSB2ALT50CMBC Datasheet HTML 2Page - StarTech.com Ltd. RUSB2ALT50CMBC Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50cm (20in) USB to Lightning Cable, MFi Certified, Coiled iPhone Charger Cable, Black, Durable
TPE Jacket Aramid Fiber, Heavy Duty Coil Lightning Cable
Product ID: RUSB2ALT50CMBC
This coiled Lightning to USB A cable can withstand the daily demands of charging and syncing your mobile devices.
It contracts to 1ft (32cm) making it compact and convenient to store.
The durable Lightning charging cable has aramid fiber reinforcement that shelters it from the stress of frequent
bends. This also lets the cable flex without over-stretching or damaging the core of the cable.
The Lightning to USB A cable is constructed to prevent the connector from separating from the jacket. The extra-long
strain relief molding is tested to withstand over 5,000+ bend cycles at a 180 angle.
The durable cable supports all USB 2.0 specifications providing a dependable connection for all your Lightning
devices. It is also Apple MFi certified which is guaranteed for fast and reliable charge and sync from USB-A charging
ports.
RUSB2ALT50CMBC is backed by a StarTech.com 2-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility
Applications
Features


Similar Part No. - RUSB2ALT50CMBC

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
RUSB2AC1MB STARTECH-RUSB2AC1MB Datasheet
1Mb / 3P
Common Point Ground Monitor Installation, Operation and Maintenance
June 2021
RUSB2AC1MW STARTECH-RUSB2AC1MW Datasheet
69Kb / 3P
1m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A White - Samsung S10, iPad Pro, Pixel
RUSB2AC2MB STARTECH-RUSB2AC2MB Datasheet
69Kb / 3P
2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A Black - Samsung S10, iPad Pro, Pixel
RUSB2AC2MW STARTECH-RUSB2AC2MW Datasheet
56Kb / 3P
2m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A White - Samsung S10, iPad Pro, Pixel
More results

Similar Description - RUSB2ALT50CMBC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
M100-004COIL-BK TRIPPLITE-M100-004COIL-BK Datasheet
492Kb / 2P
USB Sync/Charge Coiled Cable with Lightning Connector (M/M), Black, 4 ft.
M100-010-HD TRIPPLITE-M100-010-HD Datasheet
167Kb / 3P
Heavy-Duty USB Sync/Charge Cable with Lightning Connector, 10 ft. (3 m)
M102-01M-BK TRIPPLITE-M102-01M-BK Datasheet
165Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 1 m (3.3 ft.)
M102-01M-WH TRIPPLITE-M102-01M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 1 m (3.3 ft.)
M102-02M-BK TRIPPLITE-M102-02M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 2 m (6.6 ft.)
M102-02M-WH TRIPPLITE-M102-02M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
M102-003-HD-SL TRIPPLITE-M102-003-HD-SL Datasheet
178Kb / 3P
Heavy-Duty USB-C to Lightning Sync/Charge Cable with Status LED - MFi Certified, M/M, USB 2.0, 3 ft.
M102-03M-BK TRIPPLITE-M102-03M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 3 m (9.8 ft.)
logo
IOGEAR
GUL01 IOGEAR-GUL01 Datasheet
130Kb / 3P
Charge & Sync Cable, 3.3ft (1m) - USB to Lightning Cable
GUL02 IOGEAR-GUL02 Datasheet
130Kb / 3P
Charge & Sync Cable, 6.5 ft. (2m) - USB to Lightning Cable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com