Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFIBLCSC1 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # SMFIBLCSC1
Description  Fiber Optic Cable - Single-Mode Duplex 9/125 - LSZH - LC/SC - 1 m
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SMFIBLCSC1 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  SMFIBLCSC1 Datasheet HTML 1Page - StarTech.com Ltd. SMFIBLCSC1 Datasheet HTML 2Page - StarTech.com Ltd. SMFIBLCSC1 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Height
0.0 in [0.0 mm]
Weight of Product
0.6 oz [18.0 g]
Packaging
Information
Package Quantity
1
Package Length
7.8 in [19.9 cm]
Package Width
0.2 in [5.8 mm]
Package Height
8.3 in [21.1 cm]
Shipping (Package)
Weight
1.1 oz [30.0 g]
What's in the Box
Included in Package
1 - 1m Single Mode Duplex Fiber Patch Cable LC-SC
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com