Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFIBLCSC1 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # SMFIBLCSC1
Description  Fiber Optic Cable - Single-Mode Duplex 9/125 - LSZH - LC/SC - 1 m
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SMFIBLCSC1 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  SMFIBLCSC1 Datasheet HTML 1Page - StarTech.com Ltd. SMFIBLCSC1 Datasheet HTML 2Page - StarTech.com Ltd. SMFIBLCSC1 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
• OS1 (9/125)
• LSZH (Low-Smoke, Zero-Halogen) cable jacket
• Attenuation loss meets or exceeds industry standards
• Molded connectors
Hardware
Warranty
Lifetime
Fire Rating
LSZH Rated (Low Smoke Zero Halogen)
Fiber Size
9/125
Performance
Maximum Data Transfer
Rate
10 Gbps
Cable Rating
1Gbps / 10Gbps
Fiber Classification
OS1
Connector(s)
Connector A
1 - Fiber Optic LC Duplex
Connector B
1 - Fiber Optic SC Duplex
Environmental
Operating Temperature
-20C to 60C (-4F to 140F)
Storage Temperature
-20C to 60C (-4F to 140F)
Humidity
0~90% RH
Physical
Characteristics
Color
Yellow
Cable Length
3.3 ft [1 m]
Product Length
3.3 ft [1.0 m]
Product Width
0.0 in [0.0 mm]



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com