Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFIBLCSC1 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # SMFIBLCSC1
Description  Fiber Optic Cable - Single-Mode Duplex 9/125 - LSZH - LC/SC - 1 m
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

SMFIBLCSC1 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  SMFIBLCSC1 Datasheet HTML 1Page - StarTech.com Ltd. SMFIBLCSC1 Datasheet HTML 2Page - StarTech.com Ltd. SMFIBLCSC1 Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fiber Optic Cable - Single-Mode Duplex 9/125 - LSZH - LC/SC - 1 m
Product ID: SMFIBLCSC1
The SMFIBLCSC1 1m LC to SC Single-Mode Duplex Fiber Cable features 9/125 micron fiber for high-speed, high
bandwidth data transmissions over Gigabit Ethernet and Fiber Channel networks, with support for duplex
single-mode applications.
This LC-SC patch cable is housed in a LSZH (Low-Smoke, Zero-Halogen) flame retardant jacket, to ensure minimal
smoke, toxicity and corrosion when exposed to high sources of heat, in the event of a fire - an ideal solution for use in
industrial settings, central offices and schools, as well as residential settings where building codes are a
consideration.
Each Duplex 9/125 (OS1) Single-Mode Fiber Patch Cable is individually tested and certified to be within acceptable
optical insertion loss limits for guaranteed compatibility and 100% reliability, and is backed by our lifetime warranty.
Certifications, Reports and Compatibility
Applications
• Ideal solution for data applications requiring high speed data transmission
• Broadband systems
• Telecommunication / Data communication
• Used by long distance networks with mission critical data


Similar Part No. - SMFIBLCSC1

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SMF PACELEADER-SMF Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
SMF GWSEMI-SMF Datasheet
246Kb / 4P
200 WATT SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Jiangsu High diode Semi...
SMF HDSEMI-SMF Datasheet
1Mb / 5P
SOD 123FL Plastic-Encapsulate Diodes
logo
Littelfuse
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Sanyou Corporation Limi...
SMF SANYOU-SMF Datasheet
92Kb / 3P
Miniature Power Relay
More results

Similar Description - SMFIBLCSC1

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300008 PASTERNACK-PE300008 Datasheet
249Kb / 1P
CABLE ASSEMBLY SC TO SC DUPLEX SINGLE MODE(9/125)
logo
Tripp Lite. All Rights ...
N370-15M-AR TRIPPLITE-N370-15M-AR Datasheet
170Kb / 3P
100G Duplex Singlemode 9/125 OS2 Armored Fiber Optic Cable (LC/LC Duplex M/M), LSZH, Yellow, 15 m (49.2 ft.)
N370-30M-AR TRIPPLITE-N370-30M-AR Datasheet
170Kb / 3P
100G Duplex Singlemode 9/125 OS2 Armored Fiber Optic Cable (LC/LC Duplex M/M), LSZH, Yellow, 30 m (98.4 ft.)
N370-50M-AR TRIPPLITE-N370-50M-AR Datasheet
170Kb / 3P
100G Duplex Singlemode 9/125 OS2 Armored Fiber Optic Cable (LC/LC Duplex M/M), LSZH, Yellow, 50 m (164 ft.)
N370-75M-AR TRIPPLITE-N370-75M-AR Datasheet
170Kb / 3P
100G Duplex Singlemode 9/125 OS2 Armored Fiber Optic Cable (LC/LC Duplex M/M), LSZH, Yellow, 75 m (246 ft.)
N370-100M-AR TRIPPLITE-N370-100M-AR Datasheet
170Kb / 3P
100G Duplex Singlemode 9/125 OS2 Armored Fiber Optic Cable (LC/LC Duplex M/M), LSZH, Yellow, 100 m (328 ft.)
N821-15M-AQ-AR TRIPPLITE-N821-15M-AQ-AR Datasheet
169Kb / 3P
100G Duplex Multimode 50/125 OM4 Armored Fiber Optic Cable (LC/LC Duplex M/M), LSZH, Aqua, 15 m (49.2 ft.)
N821-30M-AQ-AR TRIPPLITE-N821-30M-AQ-AR Datasheet
169Kb / 3P
100G Duplex Multimode 50/125 OM4 Armored Fiber Optic Cable (LC/LC Duplex M/M), LSZH, Aqua, 30 m (98.4 ft.)
N821-50M-AQ-AR TRIPPLITE-N821-50M-AQ-AR Datasheet
169Kb / 3P
100G Duplex Multimode 50/125 OM4 Armored Fiber Optic Cable (LC/LC Duplex M/M), LSZH, Aqua, 50 m (164 ft.)
N821-75M-AQ-AR TRIPPLITE-N821-75M-AQ-AR Datasheet
169Kb / 3P
100G Duplex Multimode 50/125 OM4 Armored Fiber Optic Cable (LC/LC Duplex M/M), LSZH, Aqua, 75 m (246 ft.)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com