Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5717BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5717BCCZN-R7
Description  Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5717BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5717BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
ADRF5717
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 15
Positive supply voltage (VDD) = +3.3 V, negative supply voltage (VSS ) = −3.3 V, control voltages (VCTRL) = 0 V or VDD, and case temperature
(TCASE) = 25°C with a 50 Ω system, unless otherwise noted. VCTRL refers to the control voltages on the LE, D5, and D6 pins.
Table 1. Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
1
30,000
MHz
INSERTION LOSS
100 MHz to 8 GHz
1.5
dB
8 GHz to 18 GHz
2.0
dB
18 GHz to 30 GHz
2.8
dB
RETURN LOSS
ATTIN and ATTOUT, attenuation state
100 MHz to 8 GHz
18
dB
8 GHz to 18 GHz
20
dB
18 GHz to 30 GHz
20
dB
ATTENUATION
Range
Between minimum and maximum attenuation states
48
dB
Step Size
Between any successive attenuation states
16
dB
Accuracy
Referenced to insertion loss
100 MHz to 8 GHz
±(0.20 +
2.3% of
state)
dB
8 GHz to 18 GHz
±(0.30 +
3.2% of
state)
dB
18 GHz to 30 GHz
±(0.30 +
6.5% of
state)
dB
Step Error
Between any successive attenuation states
100 MHz to 8 GHz
±0.8
dB
8 GHz to 18 GHz
±1.3
dB
18 GHz to 30 GHz
±3.3
dB
RELATIVE PHASE
Referenced to insertion loss
100 MHz to 8 GHz
35
Degrees
8 GHz to 18 GHz
81
Degrees
18 GHz to 30 GHz
175
Degrees
SWITCHING
All attenuation states at input power (PIN) = 10 dBm
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RF output (RFOUT)
2
µs
On Time and Off Time
tON, tOFF
50% triggered control to 90% of RFOUT
4
µs
RF Amplitude Settling Time
0.1 dB
50% triggered control to 0.1 dB of final RFOUT
6.6
µs
0.05 dB
50% triggered control to 0.05 dB of final RFOUT
8.5
µs
RF Phase Settling Time
f = 1 GHz
5°
50% triggered control to 5° of final RFOUT
44
µs
1°
50% triggered control to 1° of final RFOUT
45
µs
INPUT LINEARITY1
100 MHz to 30 GHz
0.1 dB Power Compression
P0.1dB
Insertion Loss State
30
dBm
Other Attenuation States
30
dBm
Third-Order Intercept
IP3
Two-tone PIN = 20 dBm per tone, Δf = 1 MHz, all
attenuation states
Insertion Loss State
51
dBm
Other Attenuation States
49
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com