Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5717BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5717BCCZN-R7
Description  Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5717BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5717BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
ADRF5717
Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 1 MHz to 30 GHz
►
Attenuation range: 16 dB typical steps to 48 dB
►
Low insertion loss
►
1.5 dB to 8 GHz
►
2.0 dB to 18 GHz
►
2.8 dB to 30 GHz
►
Attenuation accuracy
►
±(0.20 + 2.3% of attenuation state) dB typical up to 8 GHz
►
±(0.30 + 3.2% of attenuation state) dB typical up to 18 GHz
►
±(0.30 + 6.5% of attenuation state) dB typical up to 30 GHz
►
Typical step error
►
±0.8 dB typical up to 8 GHz
►
±1.3 dB typical up to 18 GHz
►
±3.3 dB typical up to 30 GHz
►
High input linearity
►
P0.1dB insertion loss state: 30 dBm typical
►
P0.1dB other attenuation states: 30 dBm typical
►
IP3 insertion loss state: 51 dBm typical
►
IP3 other attenuation state: 49 dBm typical
►
High RF power handling
►
Input at ATTIN and ATTOUT
►
30 dBm typical steady state average
►
33 dBm typical steady state peak
►
RF amplitude settling time (0.1 dB of final RFOUT): 6.6 μs typical
►
Single-supply operation supported
►
Tight distribution in relative phase
►
No low frequency spurious signals
►
Parallel mode control, CMOS-/LVTTL-compatible
►
20-terminal, 3 mm x 3 mm, land grid array [LGA] package
APPLICATIONS
►
Industrial scanners
►
Test and instrumentation
►
Cellular infrastructure: 5G millimeter wave
►
Military radios, radars, and electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5717 is a silicon, 2-bit digital attenuator with 48 dB
attenuation range in 16 dB steps supporting glitch-free operation.
The ADRF5717 operates from 1 MHz to 30 GHz with better than
2.8 dB of insertion loss and better than 3.3 dB attenuation accuracy.
The ATTIN and ATTOUT port of the ADRF5717 have an RF power
handling capability of a 30 dBm steady state average and a 33 dBm
steady state peak.
The ADRF5717 requires a dual-supply voltage of +3.3 V and −3.3
V. The device features parallel mode control and complementary
metal-oxide semiconductor (CMOS)-/low voltage transistor to tran-
sistor logic (LVTTL)-compatible controls.
The ADRF5717 can also operate with a single positive supply
voltage (VDD) applied while the negative supply voltage (VSS) is tied
to ground. See the Theory of Operation section for more details.
The ADRF5717 RF ports are designed to match a characteristic
impedance of 50 Ω. The ADRF5717 comes in a 20-terminal, 3 mm
× 3 mm, RoHS compliant, LGA package and operates from −40°C
to +105°C.


Similar Part No. - ADRF5717BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5717-EVALZ AD-ADRF5717-EVALZ Datasheet
1Mb / 7P
Evaluation of the ADRF5717 Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
Rev. 0
More results

Similar Description - ADRF5717BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-220 MACOM-AT-220 Datasheet
163Kb / 6P
Digital Attenuator, 30 dB, 4-Bit DC - 2 GHz
AT-232 MACOM-AT-232 Datasheet
227Kb / 3P
Digital Attenuator, 30 dB, 4-Bit, DC - 2 GHz
logo
Custom MMIC Design Serv...
CMD279 MMIC-CMD279 Datasheet
432Kb / 11P
2-30 GHz 5-bit Digital Attenuator
CMD280 MMIC-CMD280 Datasheet
431Kb / 11P
DC-30 GHz 5-bit Digital Attenuator
logo
Analog Devices
ADRF5740 AD-ADRF5740 Datasheet
325Kb / 13P
2 dB LSB, 4-Bit, Silicon Digital Attenuator, 10 MHz to 60 GHz
6/2020-Revision 0
ADH941S AD-ADH941S Datasheet
351Kb / 8P
0.1 GHz to 30 GHz Digital Attenuator Die
20-Mar-2020
logo
Qorvo, Inc
CMD325 QORVO-CMD325 Datasheet
437Kb / 12P
DC-30 GHz 6-bit Digital Attenuator
logo
Analog Devices
ADRF5474 AD-ADRF5474 Datasheet
2Mb / 14P
Die on Carrier, Silicon Digital Attenuator, 2 dB LSB, 4-Bit, 10 MHz to 60 GHz
Rev. 0
logo
Qorvo, Inc
CMD324 QORVO-CMD324 Datasheet
312Kb / 10P
DC-30 GHz 2-bit Digital Attenuator
May 27, 2021
logo
Analog Devices
ADRF5700 AD-ADRF5700 Datasheet
1Mb / 16P
46 dB, 2 dB LSB, 5-Bit, Silicon Digital Attenuator, 100 MHz to 22 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com