Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5717BCCZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5717BCCZN-R7
Description  Silicon Digital Attenuator, 2-Bit, 1 MHz to 30 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5717BCCZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5717BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5717BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5717
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 15
The ADRF5717 incorporates a 2-bit fixed attenuator array that
offers an attenuation range of 48 dB in 16 dB steps. An integrated
driver provides parallel mode control of the attenuator array.
The ADRF5717 has two digital control inputs, D5 (LSB) and D6
(MSB), to select the desired attenuation state in parallel mode, as
shown in Figure 20. See Table 7 for the truth table.
Table 7. Truth Table
Digital Control Input
Attenuation State (dB)
D5
D6
Low
Low
0 (reference)
High
Low
16
Low
High
32
High
High
48
Figure 20. Simplified Circuit Diagram
RF INPUT AND OUTPUT
Both RF ports (ATTIN and ATTOUT) are DC-coupled to 0 V. No DC
blocking is required at the RF ports when the RF line potential is
equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore, external
matching components are not required.
The ADRF5717 supports bidirectional operation at the same power
level. The power handling of the ATTIN and ATTOUT ports are the
same. Refer to the RF input power specifications in Table 1.
The ADRF5717 can operate with a single positive supply voltage
applied to the VDD pin and the VSS pin connected to ground.
However, some performance degradations can occur in the input
compression and input third-order intercept (see Table 2).
POWER SUPPLY
The ADRF5717 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to filter
high frequency noise.
The ideal power-up sequence is as follows:
1. Connect GND.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp up.
3. Apply the digital control input. However, powering the digital
control input before the VDD supply can inadvertently forward
bias and damage the internal ESD protection structures. To
avoid this damage, use a series 1 kΩ resistor to limit the current
flowing into the control pins. Use pull-up or pull-down resistors
if the controller output is in a high impedance state after VDD is
powered up and the control pins are not driven to a valid logic
state.
4. Apply an RF input signal to ATTIN or ATTOUT.
The ideal power-down sequence is the reverse order of the power-
up sequence.
PARALLEL MODE INTERFACE
There are two modes of parallel operation: direct parallel and
latched parallel.
Direct Parallel Mode
To enable direct parallel mode, the LE pin must be kept high. To
change the attenuation state, use the control voltage inputs (D5 and
D6) directly.
Latched Parallel Mode
To enable latched parallel mode, keep the LE pin low when chang-
ing the control voltage inputs (D5 and D6) to set the attenuation
state. When the desired state is set, toggle LE high to transfer the
data to the bypass switches of the attenuator array, and then toggle
LE low to latch the change into the device until the next desired
attenuation change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com