Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD56150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD56150
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56150 Datasheet(HTML) 1 Page - STMicroelectronics

  SD56150 Datasheet HTML 1Page - STMicroelectronics SD56150 Datasheet HTML 2Page - STMicroelectronics SD56150 Datasheet HTML 3Page - STMicroelectronics SD56150 Datasheet HTML 4Page - STMicroelectronics SD56150 Datasheet HTML 5Page - STMicroelectronics SD56150 Datasheet HTML 6Page - STMicroelectronics SD56150 Datasheet HTML 7Page - STMicroelectronics SD56150 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
PRELIMINARY DATA
November, 27 2002
SD56150
RF POWER TRANSISTORS
The
LdmoST FAMILY
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
• EXCELLENT THERMAL STABILITY
• COMMON SOURCE CONFIGURATION, PUSH-
PULL
• POUT = 150 W WITH 13 dB gain @ 860 MHz /32V
• BeO FREE PACKAGE
• INTERNAL INPUT MATCHING
DESCRIPTION
The SD56150 is a common source N-Channel
enhancement-mode lateral Field-Effect RF power
transistor designed for broadband commercial and
industrial applications at frequencies up to 1.0 GHz.
The SD56150
is designed for high gain and
broadband performance operating in common
source mode at 32 V. Its internal matching makes it
ideal for TV broadcast applications requiring high
linearity.
PIN CONNECTION
1
3
5
2
1. Drain
2. Drain
3. Source
4. Gate
5. Gate
4
M252
epoxy sealed
ORDER CODE
SD56150
BRANDING
SD56150
ABSOLUTE MAXIMUM RATINGS (TCASE = 25
°C)
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-Source Voltage
65
V
VGS
Gate-Source Voltage
± 20
V
ID
Drain Current
17
A
PDISS
Power Dissipation (@ Tc = 70 °C)
236
W
Tj
Max. Operating Junction Temperature
200
°C
TSTG
Storage Temperature
-65 to +150
°C
THERMAL DATA
Rth(j-c)
Junction -Case Thermal Resistance
0.55
°C/W


Similar Part No. - SD56150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD56150 ETC1-SD56150 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD56150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55003 STMICROELECTRONICS-PD55003 Datasheet
309Kb / 19P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
17-Jun-2003
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
May-2000
PD55025 STMICROELECTRONICS-PD55025 Datasheet
289Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
07-Mar-2003
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Jun-2000
SD57030 STMICROELECTRONICS-SD57030 Datasheet
262Kb / 7P
RF POWER TRANSISTORS The LdmoST FAMILY
24-Mar-2003
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
RF POWER TRANSISTORS The LdmoST FAMILY
11-Mar-2003
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
RF power transistors The LdmoST Plastic family
23-Jan-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com