Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD56150 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD56150
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56150 Datasheet(HTML) 3 Page - STMicroelectronics

  SD56150 Datasheet HTML 1Page - STMicroelectronics SD56150 Datasheet HTML 2Page - STMicroelectronics SD56150 Datasheet HTML 3Page - STMicroelectronics SD56150 Datasheet HTML 4Page - STMicroelectronics SD56150 Datasheet HTML 5Page - STMicroelectronics SD56150 Datasheet HTML 6Page - STMicroelectronics SD56150 Datasheet HTML 7Page - STMicroelectronics SD56150 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
SD56150
TYPICAL PERFORMANCE
Capacitance vs. Drain Voltage
1
10
100
10 00
0
5
10
15
20
25
3 0
3 5
4 0
Vd d (V)
f = 1 MHz
Crs s
Cos s
Cis s
Gate Source Voltage vs. Case Temperature
0.9 2
0.9 4
0.9 6
0.9 8
1.0 0
1.0 2
1.0 4
-2 5
0
25
50
75
100
Tc (°C )
Vds = 10 V
Id = 0 .5 A
Id = 2 A
Id = 4 A
Id = 5 A
Id = 6 A
Id = 3 A
Id = 1 A
Drain Current vs. Gate-Source Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
01
23
4
5
6
Vg s (V )
Vd s = 1 0 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com