Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD56150 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD56150
Description  RF POWER TRANSISTORS The LdmoST FAMILY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56150 Datasheet(HTML) 4 Page - STMicroelectronics

  SD56150 Datasheet HTML 1Page - STMicroelectronics SD56150 Datasheet HTML 2Page - STMicroelectronics SD56150 Datasheet HTML 3Page - STMicroelectronics SD56150 Datasheet HTML 4Page - STMicroelectronics SD56150 Datasheet HTML 5Page - STMicroelectronics SD56150 Datasheet HTML 6Page - STMicroelectronics SD56150 Datasheet HTML 7Page - STMicroelectronics SD56150 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SD56150
4/8
TYPICAL PERFORMANCE
Output Power vs. Input Power
0
20
40
60
80
100
120
140
160
180
01
23
45
Pin (W )
Vdd = 32 V
f = 8 60 M Hz
Idq = 2x250m A
Power Gain vs. Output Power
10
11
12
13
14
15
16
17
18
19
20
0
5 0
1 00
150
2 0 0
Pout (W )
Vd d = 32 V
f = 860 MHz
Idq = 2x2 0 0mA
Idq = 2 x25 0mA
Id q = 2 x60 0mA
Idq = 2 x40 0mA
Efficiency vs. Output Power
0
10
20
30
40
50
60
70
80
0
5 0
100
150
200
Pout (W )
Vdd = 32 V
f = 860 MHz
Idq = 2x250mA
Efficiency vs. Supply Voltage
0
10
20
30
40
50
60
70
01 0
2 0
3 0
4 0
Vd d (V )
f = 860 MHz
Id q = 2 x 25 0 mA
Pin = 1.6 W
Pin = 3.2 W
Pin = 5 W
Output Power vs. Supply Voltage
0
20
40
60
80
100
120
140
160
180
200
0
1 0
2 03 04 0
Vd d (V)
f = 8 60 MHz
Idq = 2 x 25 0 mA
Pin = 1.6 W
Pin = 3.2 W
Pin = 5 W
Intermodulation Distorsion vs. Output Power
-6 0
-5 0
-4 0
-3 0
-2 0
-1 0
0
0
5 0
1 0 0
150
20 0
Po u t (W )
f1 = 859.9 MHz
f2 = 860.0 MHz
Vdd = 32 V
Idq = 2x2 00mA
Idq = 2x4 00mA
Idq = 2x250mA
Idq = 2x6 00mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com