Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ART Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 2PD601ART
Description  50 V, 100 mA NPN general-purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ART Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  2PD601ART_V01 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2PD601ART
©
Nexperia B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 15 March 2007
3 of 10
Nexperia
2PD601ART
50 V, 100 mA NPN general-purpose transistor
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
FR4 PCB, standard footprint
Fig 1.
Power derating curve
Tamb (°C)
−75
175
125
25
75
−25
006aaa990
100
200
300
Ptot
(mW)
0
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
140
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com