Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ART Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 2PD601ART
Description  50 V, 100 mA NPN general-purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ART Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  2PD601ART_V01 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2PD601ART
©
Nexperia B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 15 March 2007
4 of 10
Nexperia
2PD601ART
50 V, 100 mA NPN general-purpose transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration for
SOT23 (TO-236AB); typical values
006aaa991
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
0.75
0.50
0.33
0.20
0.01
0.10
0.05
0.02
0
δ = 1
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =60V; IE = 0 A
--10
nA
VCB =60V; IE =0A;
Tj = 150 °C
--5
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
--10
nA
hFE
DC current gain
VCE =2V;
IC = 100 mA
90
-
-
VCE =10V;
IC =2mA
210
-
340
VCEsat
collector-emitter
saturation voltage
IC = 100 mA;
IB =10mA
[1] -
-
250
mV
fT
transition frequency
VCE =10V;
IC = 2 mA;
f = 100 MHz
100
-
-
MHz
Cc
collector capacitance
VCB =10V;
IE =ie =0A;
f=1MHz
--3
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com