Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ART Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 2PD601ART
Description  50 V, 100 mA NPN general-purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ART Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  2PD601ART_V01 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ART_V01 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2PD601ART
©
Nexperia B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 15 March 2007
5 of 10
Nexperia
2PD601ART
50 V, 100 mA NPN general-purpose transistor
VCE =10V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 3.
DC current gain as a function of collector
current; typical values
Fig 4.
Collector current as a function of
collector-emitter voltage; typical values
IC/IB =10
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
IC/IB =10
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Fig 5.
Base-emitter saturation voltage as a function of
collector current; typical values
Fig 6.
Collector-emitter saturation voltage as a
function of collector current; typical values
IC (mA)
10−1
102
10
1
006aaa992
200
300
100
400
500
hFE
0
(1)
(2)
(3)
VCE (V)
010
8
46
2
006aaa993
0.04
0.06
0.02
0.08
0.1
IC
(A)
0
IB (mA) = 0.56
0.50
0.44
0.38
0.32
0.26
0.20
0.14
0.08
0.02
006aaa994
0.5
0.9
1.3
VBEsat
(V)
0.1
IC (mA)
10−1
102
10
1
(1)
(2)
(3)
006aaa995
IC (mA)
10−1
102
10
1
10−1
1
VCEsat
(V)
10−2
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com