Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDPP8RG Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CDPP8RG
Description  IndustrialNet™ TX6A™ Shielded Field Term RJ45 Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CDPP8RG Datasheet(HTML) 1 Page - PANDUIT CORP.

  CDPP8RG Datasheet HTML 1Page - PANDUIT CORP. CDPP8RG Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
The IndustrialNet™ TX6A™ Shielded Field Term RJ45 Plug is a simple-to-
attach plug for field termination of 4-pair shielded twisted pair cable.
Providing Category 6A performance the IndustrialNet™TX6A™ plug is also
compatible with Category 6 and 5e shielded systems. The two-piece
straight TX6A™ shielded plug terminates 4-pair, 22 - 26 AWG, 100 ohm
shielded twisted pair cable and uses proven TG-style forward motion
termination technology to optimize performance by maintaining cable pair
geometry while eliminating conductor untwist.
IndustrialNet™ TX6A™ Shielded Field Term RJ45 Plug
applications
The simple-to-attach IndustrialNet™TX6A™ Shielded Field Term RJ45 Plug is ideal for connecting
network-powered devices to shielded networks using MPTL links or anywhere field attachment of a
plug to shielded cable is desired. Typical applications include:
• Wireless access points (WAPs)
• Power over Ethernet (PoE) LED lighting
• IP security cameras and motion sensors
• Building access control points
• Network-attached Audio/Video equipment
• Other PoE or HDBASE-T powered network
devices
technical information
Category 6A/Class EA
performance:
Exceeds ANSI/TIA 568.2-D Category 6A and ISO 11801 Class EA
Channel performance requirements with up to two field term plugs
in channel. Meets or exceeds TIA Modular Plug Terminated Link
(MPTL) requirements with up to two field term plugs in link
Cable compatibility:
Compatible with 4-pair, 22–26 AWG solid or stranded shielded
twisted pair cable with conductor insulation diameters of 0.039 in.
to 0.063 in. (1.0mm to 1.6mm) and overall cable O.D. 0.230 in. to
0.354 in. (5.8mm to 9.0mm)
FCC and ANSI
compliance:
Meets ANSI/TIA-1096-A (formerly FCC Part 68)
IEC compliance:
IEC 60603-7, IEC 60529 (IP 20)
RoHS compliance:
Compliant
PoE & PoH compliance:
Supports IEEE 802.3af / 802.3at (PoE/PoE+) and 802.3bt type 3
and type 4 (PoE++) applications. Supports Power over HDBaseT
up to 100 watts.
Plug mating cycles:
Rated to 2500 mating cycles
UL rated:
UL 1863 (Use as communications circuit accessory)
UL 2043 (Suitable for use in air-handling spaces)
Operating temperature:
-40°C to +85°C (-40°F to +185°F)
Storage temperature:
-40°C to +85°C (-40°F to +185°F)
key features and benefits
Simple two-piece
assembly
Field friendly, easier to handle during field installation, saving time
and reducing termination error
Slim plug profile
Easily fits in tight port spaces or high-density port configurations
22-26 AWG termination
capable
Works with all commonly used solid and stranded shielded cabling
TG-style termination
technology
Proven electrical performance and quick installation speed from the
same forward-motion termination technology used in the Panduit
Mini-Com® TG Modular Jacks
Category 6A, 6, and 5e
compatibility
High performance capability and wide cable size range enable a
single plug for all common shielded cabling systems
Re-termination
Ability to re-terminate up to 20 times with no additional parts,
providing convenience and cost-savings in cases when plug must
be re-terminated to cable
Compact termination tools
EGPT is fold-able and lightweight (tool sold separately)
SPECIFIC A TION SHEET
IndustrialNet™ TX6A™ Shielded Field Term Plug
Field Term Plug:
FPS6X88MTG
Field Term Plug
10 pk:
FPS6X88MTG-X
IndustrialNet™ Category 6A
SF/UTP Copper Cable CM
4-pair:
ISFCH6X04ATL-UG
IndustrialNet™ Category 5e
SF/UTP Copper Cable CM
4-pair:
ISFCH5C04ATL-UG
IndustrialNet™
Category 5e F/UTP
Copper Cable CM
4-pair/color Black:
IFC5C04BBL-CEG
IndustrialNet™ Category 5e
U/UTP Copper Cable CM
4-pair/color Black:
IUC5C04ABL-CEG
IndustrialNet™ Category 6
F/UTP Copper Cable CM
4-pair/color Black:
IFC6C04BBL-CEG
IndustrialNet™ Category 6
U/UTP Copper Cable CM
4-pair/color Black:
IUC6C04ABL-CEG
IndustrialNet™ Category 6
S/FTP Copper Cable
Flame retardant,
halogen-free
4-pair/color Yellow:
ISX6X04AYL-LED
4-pair/color Red:
ISX6X04ARD-LED
IndustrialNet™ M12 X-Code
Field Terminable Plug:
ISPS6X88MFA
IndustrialNet™ Category 6A
Shielded 600 V-Rated
Patch Cords
CM/CMX outdoor:
ISTPH6X1MTL*
Mini-Com Category 6A
Shielded Jack:
1-port
CJS6X88TGY
IndustrialNet™ M12 X-Code
to RJ45 Panel
Mount Adapter:
ICAM12XRJS
DIN Rail Patch Panel:
8-port
CDPP8RG
DIN Rail Adapter:
1-port
CADIN1IW**
Tools and Accessories
Termination Tool:
EGPT or EGJT-1
Wire Stripping Tool:
CJAST
Wire Snipping Tool:
CWST
Optional Test Cord:
FPS6X88TC
Shielded Straight
Field Term Plug
Wire Caps 10 pk:
CPSCAPBL-X
*For other lengths, change the length designation
(1M) of the part number to the desired length (0.3M,
0.6M, 1.5M, 2M, 2.5M, 3M, 3.5M, 4M, 4.5M, 5M,
7M, or 10M); to designate color, replace TL (Teal)
suffix with BL (Black). For example, the part number
of a 2-meter black patch cord is ISTPH6X2MBL.
**For standard colors other than Off White, replace
IW in part number with BL (Black), EI (Electric Ivory),
IG (International Gray), or WH (White).


Similar Part No. - CDPP8RG

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CDPP8RG PANDUIT-CDPP8RG Datasheet
172Kb / 1P
MINICOM COPPER 8 PORT DIN RAIL PATCH PANEL
01-17-12
CDPP8RG PANDUIT-CDPP8RG Datasheet
384Kb / 2P
8-Port DIN Rail Mount Copper Patching Solution
4/2021
CDPP8RG PANDUIT-CDPP8RG Datasheet
435Kb / 2P
IndustrialNet™ Category 6A RJ45 Field Terminable Plug
10//2018
CDPP8RG PANDUIT-CDPP8RG Datasheet
422Kb / 2P
IndustrialNet™ M12 X-Code Field Terminable Plug
5/2018
CDPP8RG PANDUIT-CDPP8RG Datasheet
381Kb / 2P
IndustrialNet Category 6A 600V Patch Cords
8/2018
More results

Similar Description - CDPP8RG

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
logo
PANDUIT CORP.
CJS6X88TGY PANDUIT-CJS6X88TGY Datasheet
320Kb / 2P
TX6A 10GIG SHIELDED JACK MODULE
SPS6X88-C PANDUIT-SPS6X88-C Datasheet
120Kb / 2P
TX6A Category 6A Shielded Modular Plug
PUFR6X04BU-UG PANDUIT-PUFR6X04BU-UG Datasheet
177Kb / 2P
TX6A??10Gig??Shielded Copper Cable ??U/FTP
FP6X88MTG PANDUIT-FP6X88MTG Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
logo
Molex Electronics Ltd.
SD-64325-004 MOLEX-SD-64325-004 Datasheet
169Kb / 1P
WIRE SEAL PLUG RCPT 2.8 TERM
Rev. D1
logo
3M Electronics
9826-PSM0 3M-9826-PSM0 Datasheet
173Kb / 4P
3M™ Shielded Controlled Impedance (SCI)
2006
logo
PANDUIT CORP.
SD2EMI PANDUIT-SD2EMI Datasheet
444Kb / 1P
Panduct® PanelMax™ Shielded Wiring Duct
2011
logo
3M Electronics
101 3M-101 Datasheet
265Kb / 3P
3M™ Mini D Ribbon (MDR) Connectors .050″ Solder Plug Connector - Shielded
May 25, 2005
EM25TP 3M-EM25TP Datasheet
172Kb / 5P
3M™ Flux Field Directional Material (FFDM) EM25TP
June 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com