Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC112DB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC112DB
Description  Dual JK flip-flop with set and reset; negative-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC112DB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC112DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
74HC_HCT112
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 9 August 2016
4 of 20
NXP Semiconductors
74HC112; 74HCT112
Dual JK flip-flop with set and reset; negative-edge trigger
6.
Functional description
[1]
If nSD and nRD simultaneously go from LOW-to-HIGH, the output states are unpredictable.
H = HIGH voltage level
h = HIGH voltage level one set-up time before the HIGH-to-LOW clock transition
L = LOW voltage level
l = LOW voltage level one set-up time before the HIGH-to-LOW clock transition
q = lowercase letters indicate the state of the referenced output one set-up time before the HIGH-to-LOW clock transition
X = don’t care
 = HIGH-to-LOW clock transition
7.
Limiting values
[1]
For SO16 packages: above 70
C, the value of P
tot derates linearly with 8 mW/K.
For (T)SSOP16 packages: above 60
C, the value of P
tot derates linearly with 5.5 mW/K.
Table 3.
Function selection[1]
Operating modes
Input
Output
nSD
nRD
nCP
nJ
nK
nQ
nQ
Asynchronous set
L
H
X
X
X
H
L
Asynchronous reset
H
L
X
X
X
L
H
Undetermined
L
L
X
X
X
H
L
Toggle
H
H
hh
q
q
Load 0 (reset)
H
H
lh
L
H
Load 1 (set)
H
H
hl
H
L
Hold no change
H
H
ll
q
q
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC + 0.5 V
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
-
20
mA
IO
output current
0.5 V < V
O < VCC +0.5 V
-
25
mA
ICC
supply current
-
+50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
SO16 and (T)SSOP16 packages
[1]
-500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com