Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC112DB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC112DB
Description  Dual JK flip-flop with set and reset; negative-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC112DB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC112DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74HC112; 74HCT112 is a dual negative-edge triggered JK flip-flop. It features
individual J and K inputs, clock (nCP) set (nSD) and reset (nRD) inputs. It also has
complementary nQ and nQ outputs. The set and reset are asynchronous active LOW
inputs and operate independently of the clock input. The J and K inputs control the state
changes of the flip-flops as described in the mode select function table. The J and K
inputs must be stable one set-up time prior to the HIGH-to-LOW clock transition for
predictable operation. Inputs include clamp diodes that enable the use of current limiting
resistors to interface inputs to voltages in excess of VCC.
Schmitt-trigger action in the clock input makes the circuit highly tolerant to slower clock
rise and fall times.
2.
Features and benefits
 Input levels:
 For 74HC112: CMOS level
 For 74HCT112: TTL level
 Asynchronous set and reset
 Specified in compliance with JEDEC standard no. 7A
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from
40 Cto+85 C and from 40 Cto+125 C
3.
Ordering information
74HC112; 74HCT112
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 3 — 9 August 2016
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC112D
40 C to +125 C
SO16
plastic small outline package; 16 leads; body width 3.9 mm SOT109-1
74HCT112D
74HC112DB
40 C to +125 C
SSOP16
plastic shrink small outline package; 16 leads; body width
5.3 mm
SOT338-1
74HCT112DB
74HC112PW
40 C to +125 C
TSSOP16 plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HCT112PW


Similar Part No. - 74HC112DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC112DB PHILIPS-74HC112DB Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
More results

Similar Description - 74HC112DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
December 1990
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com