Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC112DB Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC112DB
Description  Dual JK flip-flop with set and reset; negative-edge trigger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC112DB Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC112DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC112DB Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
74HC_HCT112
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 3 — 9 August 2016
13 of 20
NXP Semiconductors
74HC112; 74HCT112
Dual JK flip-flop with set and reset; negative-edge trigger
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
Fig 8.
Test circuit for measuring switching times
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC112
VCC
6ns
15pF, 50 pF
tPLH, tPHL
74HCT112
3 V
6 ns
15 pF, 50 pF
tPLH, tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com