Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2812 Datasheet(PDF) 16 Page - Raspberry Pi Holdings PLC

Part # WS2812
Description  Created by Phillip Burgess
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

WS2812 Datasheet(HTML) 16 Page - Raspberry Pi Holdings PLC

Back Button WS2812 Datasheet HTML 12Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 13Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 14Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 15Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 16Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 17Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 18Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 19Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 20Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
Like NeoPixel strips, these “strands” are flexible and can
be wrapped around things. The pixels are spaced
further apart (2 or 4 inches) with each pixel is sealed in
its own tiny plastic capsule, making them weatherproof
(but not rated for continuous submersion). There are 20
pixels in a strand.
NeoPixel Strand — 20 LED 4"
Pitch (https://adafru.it/Et3)
NeoPixel Strand — 20 LEDs at 2"
Pitch (https://adafru.it/CV5)
Finer Details About NeoPixel Strips
144 pixel/m NeoPixel strips and 32/m UV strips are sold in one meter lengths. Each meter is a separate strip with
end connectors. Longer contiguous lengths are
not offered in 144 pixels/m RGB, RGBW or 32/m UV.
30 and 60 pixel/m NeoPixel strips are sold in one meter multiples. Orders for multiple meters will be asingle
© Adafruit Industries
https://learn.adafruit.com/adafruit-neopixel-uberguide
Page 19 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com