Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2812 Datasheet(PDF) 40 Page - Raspberry Pi Holdings PLC

Part # WS2812
Description  Created by Phillip Burgess
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

WS2812 Datasheet(HTML) 40 Page - Raspberry Pi Holdings PLC

Back Button WS2812 Datasheet HTML 36Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 37Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 38Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 39Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 40Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 41Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 42Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 43Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 44Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
Best Practices
Improper use can damage your NeoPixels. Before diving in, be aware of the following:
Before connecting NeoPixels to any large power source (DC “wall wart” or even a large battery), add acapacitor
(1000 µF, 6.3V or higher) across the + and – terminals as shown above. The capacitor buffers sudden changes in
the current drawn by the strip.
Place a 300 to 500 Ohm resistor between the Arduino data output pin and the input to the first NeoPixel. The
resistor should be at the end of the wire closest to the NeoPixel(s), not the microcontroller.
Some products
already incorporate this resistor…if you’re not sure, add one…there’s no harm in doubling up!
Try to minimize the distance between the Arduino and first pixel, so the signal is clear. A meter or two is usually
no problem. Much longer and things can become unreliable.
Avoid connecting NeoPixels to a live circuit. If you simply must, always connect ground first, then +5V, then data.
Disconnect in the reverse order.
If powering the pixels with a separate supply, apply power to the pixels before applying power to the
microcontroller.
Observe the same precautions as you would for any static-sensitive part; ground yourself before handling, etc.
NeoPixels powered by 5v require a 5V data signal. If using a 3.3V microcontroller you must use a logic level
shifter such as a 74AHCT125 (https://adafru.it/e5g) or 74HCT245 (http://adafru.it/1779). (If you are powering your
NeoPixels with 3.7v like from a LiPoly, a 3.3v data signal is OK)
Make sure that your connections are secure. Alligator clips do not make reliable connections to the tiny solder
pads on NeoPixel rings. Better to solder a small pigtail wire to the ring and attach the alligator clips to that.
If your microcontroller and NeoPixels are powered from two different sources (e.g. separate batteries for each),
there
must be a ground connection between the two.
Some of our projects don’t make the above precautions…these are typically small battery-powered devices and power
spikes aren’t a big concern. Any project with a lot pixels or a large power source should definitely include the power
capacitor and data line resistor.
© Adafruit Industries
https://learn.adafruit.com/adafruit-neopixel-uberguide
Page 43 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com