Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS2812 Datasheet(PDF) 43 Page - Raspberry Pi Holdings PLC

Part # WS2812
Description  Created by Phillip Burgess
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

WS2812 Datasheet(HTML) 43 Page - Raspberry Pi Holdings PLC

Back Button WS2812 Datasheet HTML 39Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 40Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 41Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 42Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 43Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 44Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 45Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 46Page - Raspberry Pi Holdings PLC WS2812 Datasheet HTML 47Page - Raspberry Pi Holdings PLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
For most non-portable “desktop” projects, a 5V DC
switching power supply (http://adafru.it/276) is ideal. This
small 2 Amp supply is good for a a meter or so of
NeoPixel strip. We’ll explain larger projects in a moment.
Be extremely cautious with bench power supplies.
Some — even reputable, well-regarded brands — can
produce a large voltage spike when initially switched
on, instantly destroying your NeoPixels!
If you use a bench supply, do not connect NeoPixels
directly. Turn on the power supply first, let the voltage
stabilize,
then connect the pixels (GND first).
Estimating Power Requirements
Each individual NeoPixel draws up to 60 milliamps at maximum brightness white (red + green + blue). In actual use
though, it’s rare for all pixels to be turned on that way. When mixing colors and displaying animations, the current draw
will be much less. It’s impossible to estimate a single number for all circumstances, but we’ve been using 1/3 this (20
mA per pixel) as a gross rule of thumb with no ill effects. But if you know for a fact that you need every pixel on at
maximum brightness, use the full 60 mA figure.
To estimate power supply needs, multiply the number of pixels by 20, then divide the result by 1,000 for the “rule of
thumb” power supply rating in Amps. Or use 60 (instead of 20) if you want to guarantee an absolute margin of safety
for all situations. For example:
60 NeoPixels × 20 mA ÷ 1,000 = 1.2 Amps minimum
60 NeoPixels × 60 mA ÷ 1,000 = 3.6 Amps minimum
The choice of “overhead” in your power supply is up to you. Maximum safety and reliability are achieved with a more
generously-sized power supply, and this is what we recommend. Most power supplies can briefly push a little extra
current for short periods. Many contain a thermal fuse and will simply shut down if overworked. So they may
© Adafruit Industries
https://learn.adafruit.com/adafruit-neopixel-uberguide
Page 46 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com