Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41252 Datasheet(PDF) 9 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 9 Page - EPCOS

Back Button B41252 Datasheet HTML 5Page - EPCOS B41252 Datasheet HTML 6Page - EPCOS B41252 Datasheet HTML 7Page - EPCOS B41252 Datasheet HTML 8Page - EPCOS B41252 Datasheet HTML 9Page - EPCOS B41252 Datasheet HTML 10Page - EPCOS B41252 Datasheet HTML 11Page - EPCOS B41252 Datasheet HTML 12Page - EPCOS B41252 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
μF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.0 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR =16VDC
8200
22
× 25
0.35
4.92
3.75
2.14
B41252A4828M06#
10000
22
× 30
0.35
5.70
4.34
2.48
B41252A4109M06#
10000
25.4
× 25
0.35
5.89
4.48
2.56
B41252B4109M06#
12000
22
× 35
0.35
6.44
4.90
2.80
B41252A4129M06#
12000
25.4
× 30
0.35
6.67
5.08
2.90
B41252B4129M06#
12000
30
× 25
0.35
6.83
5.20
2.97
B41252C4129M06#
15000
22
× 40
0.35
7.29
5.55
3.17
B41252A4159M06#
15000
25.4
× 35
0.35
7.57
5.76
3.29
B41252B4159M06#
15000
30
× 30
0.35
7.77
5.92
3.38
B41252C4159M06#
18000
22
× 45
0.35
8.05
6.13
3.50
B41252A4189M06#
18000
25.4
× 40
0.35
8.40
6.39
3.65
B41252B4189M06#
18000
30
× 30
0.35
8.21
6.25
3.57
B41252C4189M06#
22000
25.4
× 45
0.35
9.27
7.05
4.03
B41252A4229M06#
22000
30
× 35
0.35
9.15
6.97
3.98
B41252B4229M06#
27000
25.4
× 50
0.35
10.1
7.74
4.42
B41252A4279M06#
27000
30
× 40
0.35
10.1
7.68
4.39
B41252B4279M06#
27000
35
× 30
0.35
9.87
7.51
4.29
B41252C4279M06#
33000
30
× 45
0.35
11.0
8.38
4.79
B41252A4339M06#
33000
35
× 35
0.35
10.8
8.24
4.71
B41252B4339M06#
39000
30
× 50
0.35
11.8
9.03
5.16
B41252A4399M06#
39000
35
× 40
0.35
11.7
8.93
5.10
B41252B4399M06#
47000
35
× 45
0.35
12.6
9.63
5.50
B41252A4479M06#
B41252
105
°C
Page9of24
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com