Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41252 Datasheet(PDF) 13 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 13 Page - EPCOS

Back Button B41252 Datasheet HTML 9Page - EPCOS B41252 Datasheet HTML 10Page - EPCOS B41252 Datasheet HTML 11Page - EPCOS B41252 Datasheet HTML 12Page - EPCOS B41252 Datasheet HTML 13Page - EPCOS B41252 Datasheet HTML 14Page - EPCOS B41252 Datasheet HTML 15Page - EPCOS B41252 Datasheet HTML 16Page - EPCOS B41252 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
μF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.0 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR =63VDC
1200
22
× 25
0.15
3.15
2.40
1.37
B41252A8128M06#
1500
22
× 30
0.15
3.45
2.63
1.50
B41252A8158M06#
1500
25.4
× 25
0.15
3.54
2.70
1.54
B41252B8158M06#
1800
22
× 30
0.15
3.77
2.87
1.64
B41252A8188M06#
1800
25.4
× 25
0.15
3.89
2.96
1.69
B41252B8188M06#
2200
22
× 35
0.15
4.28
3.26
1.86
B41252A8228M06#
2200
25.4
× 30
0.15
4.42
3.36
1.92
B41252B8228M06#
2700
22
× 40
0.15
4.99
3.80
2.17
B41252A8278M06#
2700
25.4
× 30
0.15
4.90
3.73
2.13
B41252B8278M09#
2700
30
× 25
0.15
5.01
3.82
2.18
B41252C8278M06#
3300
22
× 50
0.15
5.82
4.43
2.53
B41252A8338M06#
3300
25.4
× 40
0.15
5.82
4.43
2.53
B41252B8338M06#
3300
30
× 30
0.15
5.70
4.34
2.48
B41252C8338M06#
3900
25.4
× 45
0.15
6.62
5.04
2.88
B41252A8398M06#
3900
30
× 35
0.15
6.53
4.97
2.84
B41252B8398M06#
4700
25.4
× 50
0.15
7.36
5.60
3.20
B41252A8478M06#
4700
30
× 40
0.15
7.29
5.55
3.17
B41252B8478M06#
4700
35
× 30
0.15
7.13
5.43
3.10
B41252C8478M06#
5600
30
× 45
0.15
8.07
6.14
3.51
B41252A8568M06#
5600
35
× 35
0.15
7.96
6.06
3.46
B41252B8568M06#
6800
30
× 50
0.15
9.02
6.86
3.92
B41252A8688M06#
6800
35
× 40
0.15
8.92
6.79
3.88
B41252B8688M06#
8200
35
× 45
0.15
9.71
7.39
4.22
B41252A8828M06#
10000
35
× 50
0.15
10.9
8.30
4.74
B41252A8109M06#
B41252
105
°C
Page 13 of 24
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com