Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B41252 Datasheet(PDF) 14 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 14 Page - EPCOS

Back Button B41252 Datasheet HTML 10Page - EPCOS B41252 Datasheet HTML 11Page - EPCOS B41252 Datasheet HTML 12Page - EPCOS B41252 Datasheet HTML 13Page - EPCOS B41252 Datasheet HTML 14Page - EPCOS B41252 Datasheet HTML 15Page - EPCOS B41252 Datasheet HTML 16Page - EPCOS B41252 Datasheet HTML 17Page - EPCOS B41252 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
μF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.0 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR =80VDC
820
22
× 25
0.15
3.15
2.40
1.37
B41252A0827M06#
1000
22
× 30
0.15
3.73
2.84
1.62
B41252A0108M06#
1000
25.4
× 25
0.15
3.84
2.92
1.67
B41252B0108M06#
1200
22
× 30
0.15
3.84
2.92
1.67
B41252A0128M06#
1200
25.4
× 25
0.15
3.96
3.01
1.72
B41252B0128M06#
1500
22
× 35
0.15
4.55
3.47
1.98
B41252A0158M06#
1500
25.4
× 30
0.15
4.72
3.59
2.05
B41252B0158M06#
1800
22
× 40
0.15
5.24
3.99
2.28
B41252A0188M06#
1800
25.4
× 35
0.15
5.45
4.15
2.37
B41252B0188M06#
1800
30
× 25
0.15
5.29
4.03
2.30
B41252C0188M06#
2200
22
× 45
0.15
5.77
4.39
2.51
B41252A0228M06#
2200
25.4
× 35
0.15
5.73
4.36
2.49
B41252B0228M06#
2200
30
× 30
0.15
5.89
4.48
2.56
B41252C0228M06#
2700
25.4
× 45
0.15
6.97
5.30
3.03
B41252A0278M06#
2700
30
× 35
0.15
6.88
5.23
2.99
B41252B0278M06#
3300
25.4
× 50
0.15
7.66
5.83
3.33
B41252A0338M06#
3300
30
× 40
0.15
7.59
5.78
3.30
B41252B0338M06#
3300
35
× 30
0.15
7.43
5.65
3.23
B41252C0338M06#
3900
30
× 45
0.15
8.63
6.56
3.75
B41252A0398M06#
3900
35
× 35
0.15
8.49
6.46
3.69
B41252B0398M06#
4700
30
× 50
0.15
9.43
7.18
4.10
B41252A0478M06#
4700
35
× 40
0.15
9.34
7.11
4.06
B41252B0478M06#
5600
35
× 45
0.15
10.2
7.77
4.44
B41252A0568M06#
6800
35
× 50
0.15
11.2
8.58
4.90
B41252A0688M06#
B41252
105
°C
Page 14 of 24
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com