Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM322BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 1 Page - Analog Devices

  ADUCM322BBCZ Datasheet HTML 1Page - Analog Devices ADUCM322BBCZ Datasheet HTML 2Page - Analog Devices ADUCM322BBCZ Datasheet HTML 3Page - Analog Devices ADUCM322BBCZ Datasheet HTML 4Page - Analog Devices ADUCM322BBCZ Datasheet HTML 5Page - Analog Devices ADUCM322BBCZ Datasheet HTML 6Page - Analog Devices ADUCM322BBCZ Datasheet HTML 7Page - Analog Devices ADUCM322BBCZ Datasheet HTML 8Page - Analog Devices ADUCM322BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Precision Analog Microcontroller, Analog I/O
with MDIO Interface, ARM Cortex-M3
Data Sheet
ADuCM322
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Analog input/output
Multichannel, 12-bit, 1 MSPS analog-to-digital
converter (ADC)
Up to 16 ADC input channels
0 V to VREF analog input range
Single-ended modes
AVDD and IOVDD monitors
12-bit voltage output digital-to-analog converters (VDACs)
8 VDACs with a range of 0 V to 2.5 V or AVDD outputs
Voltage comparator
Microcontroller
ARM Cortex-M3 processor, 32-bit RISC architecture
Serial wire port supports code download and debug
Clocking options
80 MHz phase-locked loop (PLL) with programmable divider
Trimmed on-chip oscillator (±3%)
External 16 MHz crystal option
External clock source up to 80 MHz
Memory
2 × 128 kB independent Flash/EE memories
10,000 cycle Flash/EE endurance
20-year Flash/EE retention
32 kB SRAM
Software triggered in-circuit reprogrammability via
management data input/output (MDIO)
On-chip peripherals
MDIO slave up to 4 MHz
2 × I2C, 2 × SPI, UART
Multiple general-purpose input/output (GPIO) balls: 3.6 V
compliant
7 × 1.2 V compatible when used for MDIO
32-element programmable logic array (PLA)
3 general-purpose timers
Wake-up timer
Watchdog timer
16-bit pulse width modulator (PWM)
Power
Supply range: 2.9 V to 3.6 V
Flexible operating modes for low power applications
Packages and temperature range
6 mm × 6 mm, 96-ball CSP_BGA package
Fully specified for −40°C to +105°C ambient operation
Tools
QuickStart development system
Full third-party support
APPLICATIONS
Optical networking
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
MEMORY
2 × 128kB FLASH
32kB SRAM
ARM
CORTEX-M3
PROCESSOR
MUX
RESET
AIN0
AIN5
AIN6
AIN15
BUF_VREF2V5
VDAC7
ADuCM322
AGNDx
IOVDDx
IOGNDx
GENERAL
PURPOSE
I/O PORTS
SWDIO
SWCLK
GPIO PORTS
UART
2 × SPI
2 × I2C
EXT IRQS
MDIO
PLA
INTERNAL
CHANNELS:
TEMPERATURE,
AVDD, IOVDD
2.5V BAND GAP
DMA
NVIC
RESET SYSTEM
SERIAL WIRE
CLOCK SYSTEM
32.768kHz
16MHz OSC
80MHz PLL
3 × GP TIMER
WD TIMER
WAKE-UP TIMER
PWM
VDAC
SAR ADC
COMPARATOR
XTALO XTALI ECLKIN
AVDDx
DGNDx
PWM0 TO
PWM6
1.8 V LDO
VDAC0
VDAC


Similar Part No. - ADUCM322BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
Up to 16 ADC input channels
REV. 0
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results

Similar Description - ADUCM322BBCZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
Analog Devices
ADUCRF101 AD-ADUCRF101 Datasheet
3Mb / 26P
Precision Analog Microcontroller ARM Cortex - M3 with ISM band
Rev. PrD
logo
NXP Semiconductors
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
Analog Devices
ADUC7021BCPZ62 AD-ADUC7021BCPZ62 Datasheet
1Mb / 104P
Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU
Rev. F
ADUCM360 AD-ADUCM360_13 Datasheet
525Kb / 24P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADCs, ARM Cortex-M3
REV. B
ADUCM410 AD-ADUCM410 Datasheet
836Kb / 35P
Precision Analog Microcontroller, 16-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
9/2020-Revision 0
ADUCM420 AD-ADUCM420 Datasheet
335Kb / 25P
Precision Analog Microcontroller, 12-Bit Analog Input/Output with MDIO Interface, Arm Cortex-M33
1/2021-Revision 0
ADUCM362-EP AD-ADUCM362-EP Datasheet
284Kb / 15P
Low Power, Precision Analog Microcontroller with Dual Sigma-Delta ADC, ARM Cortex-M3
Rev. 0
ADUCM360 AD-ADUCM360_V01 Datasheet
112Kb / 4P
Low Power Precision Analog Microcontroller, ARM Cortex-M3, with Dual Sigma-Delta ADCs
Rev. A
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com