Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM322BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 13Page - Analog Devices ADUCM322BBCZ Datasheet HTML 14Page - Analog Devices ADUCM322BBCZ Datasheet HTML 15Page - Analog Devices ADUCM322BBCZ Datasheet HTML 16Page - Analog Devices ADUCM322BBCZ Datasheet HTML 17Page - Analog Devices ADUCM322BBCZ Datasheet HTML 18Page - Analog Devices ADUCM322BBCZ Datasheet HTML 19Page - Analog Devices ADUCM322BBCZ Datasheet HTML 20Page - Analog Devices ADUCM322BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADuCM322
Data Sheet
Rev. 0 | Page 16 of 23
Pin No.
Mnemonic
Type1
Description
B7
RESERVED
RES
No Connect. Leave this ball unconnected.
B8
RESERVED
RES
No Connect. Leave this ball unconnected.
B9
P1.0/SIN/ECLKIN/PLAI[4]
I/O
Digital Input/Output Port 1.0 (P1.0).
UART Input (SIN).
External Input Clock (ECLKIN).
Input to PLA Element 4 (PLAI[4]).
B10
P1.1/SOUT/PLACLK1/PLAI[5]
I/O
Digital Input/Output Port 1.1 (P1.1).
UART Output (SOUT).
PLA Clock 1(PLACLK1).
Input to PLA Element 5 (PLAI[5]).
B11
P1.2/PWM0/PLAI[6]
I/O
Digital Input/Output Port 1.2 (P1.2).
PWM Output 0 (PWM0).
Input to PLA Element 6 (PLAI[6]).
C1
IOGND1
S
Ground for IOVDD1.
C2
P0.0/SCLK0/PLAI[0]
I/O
Digital Input/Output Port 0.0 (P0.0).
SPI0 Clock (SCLK0).
Input to PLA Element 0 (PLAI[0]).
C3
P2.3/BM
I/O
Digital Input/Output Port 2.3 (P2.3).
Boot Mode (BM). This ball determines the start-up sequence after every reset.
Pull-up is enabled at power-up.
C4
P2.2/IRQ4/POR/CLKOUT/PLAI[10]
I/O
Digital Input/Output Port 2.2 (P2.2).
External Interrupt 4 (IRQ4).
Reset Output (POR). This ball function is an output and it is the default for Ball C4.
Clock Output (CLKOUT).
Input to PLA Element 10 (PLAI[10]).
C5
P2.0/IRQ2/PWMTRIP/PLACLK2/PLAI[8]
I/O
Digital Input/Output Port 2.0 (P2.0).
External Interrupt 2 (IRQ2).
PWM Trip (PWMTRIP).
PLA Input Clock 2 (PLACLK2).
Input to PLA Element 8 (PLAI[8]).
C6
P1.3/PWM1/PLAI[7]
I/O
Digital Input/Output Port 1.3 (P1.3).
PWM Output 1 (PWM1).
Input to PLA Element 7 (PLAI[7]).
C7
P1.4/PWM2/SCLK1/PLAO[10]
I/O
Digital Input/Output Port 1.4 (P1.4).
PWM Output 2 (PWM2).
SPI1 Clock (SCLK1).
Output of PLA Element 10 (PLAO[10]).
C8
P1.5/PWM3/MISO1/PLAO[11]
I/O
Digital Input/Output Port 1.5 (P1.5).
PWM Output 3 (PWM3).
SPI1 Master In, Slave Out (MISO1).
Output of PLA Element 11 (PLAO[11]).
C9
P1.6/PWM4/MOSI1/PLAO[12]
I/O
Digital Input/Output Port 1.6 (P1.6).
PWM Output 4 (PWM4).
SPI1 Master Out, Slave Input (MOSI1).
Output of PLA Element 12 (PLAO[12]).
C10
P1.7/IRQ1/PWM5/CS1/PLAO[13]
I/O
Digital Input/Output Port 1.7 (P1.7).
External Interrupt 1 (IRQ1).
PWM Output 5 (PWM5).
SPI1 Chip Select 1 (CS1). When using SPI1, configure this ball as CS1.
Output of PLA Element 13 (PLAO[13]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com