Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUCM322BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADUCM322BBCZ
Description  Precision Analog Microcontroller, Analog I/O with MDIO Interface, ARM Cortex-M3
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADUCM322BBCZ Datasheet HTML 16Page - Analog Devices ADUCM322BBCZ Datasheet HTML 17Page - Analog Devices ADUCM322BBCZ Datasheet HTML 18Page - Analog Devices ADUCM322BBCZ Datasheet HTML 19Page - Analog Devices ADUCM322BBCZ Datasheet HTML 20Page - Analog Devices ADUCM322BBCZ Datasheet HTML 21Page - Analog Devices ADUCM322BBCZ Datasheet HTML 22Page - Analog Devices ADUCM322BBCZ Datasheet HTML 23Page - Analog Devices ADUCM322BBCZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADuCM322
Data Sheet
Rev. 0 | Page 20 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9. Temperature Measurement vs. Internal Temperature
(VDD = 3.3 V, 50 kSPS)
Figure 10. Pull-Up/Pull-Down Ball Current vs. Ball Voltage
(VDD = 3.3 V, TA = 25°C)
Figure 11. Output Voltage vs. Load Current
Figure 12. VDD1 Power-On Requirements
25000
30000
35000
40000
45000
50000
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DEVICE 1
DEVICE 2
DEVICE 3
DEVICE 4
DEVICE 5
–10
0
10
20
30
40
50
60
70
80
90
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
BALL VOLTAGE (V)
MAXIMUM PULL UP
MINIMUM PULL UP
MINIMUM PULL DOWN
MAXIMUM PULL DOWN
0
0.5
1.0
1.5
2.0
2.5
3.0
2
6
10
14
16
04
8
12
LOAD CURRENT (mA)
VOH MAXIMUM
VOH MINIMUM
VOL MINIMUM
VOL MAXIMUM
TIME (Not to Scale)
3.6
40ms min
VDD1 MUST BE ABOVE 3V
FOR AT LEAST 40ms TO
COMPLETE POR
AFTER 40ms VDD1 MUST
STAY ABOVE 2.9V INCLUDING
NOISE EXCURSIONS
3.0
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com