Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-10MSOPEBZ Datasheet(PDF) 3 Page - Analog Devices

Part # EVAL-10MSOPEBZ
Description  Evaluation Board for 10-Lead MSOP Devices in the Switches and Multiplexers Portfolio
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-10MSOPEBZ Datasheet(HTML) 3 Page - Analog Devices

  EVAL-10MSOPEBZ Datasheet HTML 1Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 2Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 3Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 4Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 5Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EVAL-10MSOPEBZ User Guide
UG-1037
Rev. 0 | Page 3 of 6
EVALUATION BOARD HARDWARE
POWER SUPPLY
Connector J5 supplies the VDD and GND supplies to the
EVAL-10MSOPEBZ evaluation board. These supplies can be
selected for each pin of the device by setting the link headers
to either VDD or GND. When a VSS supply is needed, apply
the voltage directly to the VSS pin of the device by removing the
corresponding link completely and applying the voltage directly
to the middle pin of the link header.
LINK HEADERS
The link headers supply the DUT with either VDD or GND.
The headers are designated as K1 to K10 with the number
corresponding to the pin number of the device. Table 1 summarizes
these link headers, and how these headers function on the EVAL-
10MSOPEBZ evaluation board.
Table 1. Link Header Descriptions
Label
Position
Description
K1to K10
High
VDD
Low
GND
SMB CONNECTORS
There are four SMB connectors on evaluation board, J1 to J4.
When an SMB cable is connected to one of these connectors,
the input signal becomes available on the corresponding P1 to
P4 port. Apply this signal to the relevant pin of the device by
forming a connection from P1 to P4 to a gold pin connector
found on the relevant trace.
INPUT SIGNAL TRACES
Each trace includes three sets of gold pin connectors, two sets that
can place a load on the signal path to ground and another set that
is in series with the signal path. The three sets of gold pin
connectors can create a simple resistor capacitor (RC) filter.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com