Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-10MSOPEBZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-10MSOPEBZ
Description  Evaluation Board for 10-Lead MSOP Devices in the Switches and Multiplexers Portfolio
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-10MSOPEBZ Datasheet(HTML) 6 Page - Analog Devices

  EVAL-10MSOPEBZ Datasheet HTML 1Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 2Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 3Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 4Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 5Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UG-1037
EVAL-10MSOPEBZ User Guide
Rev. 0 | Page 6 of 6
ORDERING INFORMATION
BILL OF MATERIALS
Table 2.
Reference Designator
Description
Part Number
Stock Code
C1
0.1 µF, 50 V, X7R, ceramic capacitor
GRM21BR71H104KA01L
FEC 2408531
C2
10 µF, 10 V tantalum capacitor
TAJB106K016RNJ
FEC 498-737
C3 to C32
Harwin subminiature sockets (2)
H3153-01
FEC 2120079
J1 to J4
SMB sockets
1206013
FEC 310-682
J5
2-pin terminal block (5 mm pitch)
KRM 02
FEC 151-785
K1 to K10
Jumper blocks using 3-pin SIP header
M20-9990345 and M7566-05
FEC 512-047 and 150-411
P1 to P4
Harwin subminiature sockets (2)
H3153-01
FEC 2120079
T1 to T10
Test points
20-313137
FEC 240-345
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can discharge without detection. Although this product features patented or proprietary protection
circuitry, damage may occur on devices subjected to high energy ESD. Therefore, proper ESD precautions should be taken to avoid performance degradation or loss of functionality.
LegalTerms and Conditions
By using the evaluationboard discussed herein (together with any tools, components documentation or support materials, the“Evaluation Board”), you are agreeing to be bound by the terms and conditions
set forth below (“Agreement”) unless you have purchased the Evaluation Board, in which case the Analog Devices Standard Terms and Conditions of Sale shall govern. Do not use the Evaluation Board until
you have read and agreed to the Agreement.Your use of the Evaluation Board shall signify your acceptance of the Agreement. This Agreement is made by and between you (“Customer”) and Analog Devices,
Inc.(“ADI”),withitsprincipal placeof businessat OneTechnologyWay,Norwood, MA 02062,USA. Subject to thetermsand conditionsof theAgreement,ADI hereby grantsto Customer a free,limited,personal,
temporary, non-exclusive, non-sublicensable,non-transferablelicenseto usethe Evaluation Board FOR EVALUATION PURPOSES ONLY. Customer understands and agrees that the Evaluation Board is provided
for the sole and exclusive purpose referenced above, and agrees not to use the Evaluation Board for any other purpose. Furthermore, the license granted is expressly made subject to the following additional
limitations: Customer shall not (i) rent, lease, display, sell, transfer, assign, sublicense, or distribute the Evaluation Board; and (ii) permit anyThird Party to access the Evaluation Board. As used herein, the term
“Third Party”includes any entity other than ADI, Customer, their employees, affiliates and in-house consultants.The Evaluation Board is NOT sold to Customer; all rights not expressly granted herein, including
ownership of the Evaluation Board, are reserved by ADI. CONFIDENTIALITY. This Agreement and the Evaluation Board shall all be considered the confidential and proprietary information of ADI. Customer
may not disclose or transfer any portion of the Evaluation Board to any other party for any reason. Upon discontinuation of use of the Evaluation Board or termination of this Agreement, Customer agrees to
promptly return the Evaluation Board to ADI. ADDITIONAL RESTRICTIONS. Customer may not disassemble, decompile or reverse engineer chips on the Evaluation Board. Customer shall inform ADI of any
occurred damages or any modifications or alterations it makes to the Evaluation Board, including but not limited to soldering or any other activity that affects the material content of the Evaluation Board.
Modifications to the Evaluation Board must comply with applicable law, including but not limited to the RoHS Directive. TERMINATION. ADI may terminate this Agreement at any time upon giving written
notice to Customer. Customer agrees to return to ADI the Evaluation Board at that time. LIMITATION OF LIABILITY.THE EVALUATION BOARD PROVIDED HEREUNDER IS PROVIDED“AS IS”AND ADI MAKES NO
WARRANTIES OR REPRESENTATIONS OF ANY KIND WITH RESPECT TO IT. ADI SPECIFICALLY DISCLAIMS ANY REPRESENTATIONS, ENDORSEMENTS, GUARANTEES, OR WARRANTIES, EXPRESS OR IMPLIED,
RELATED TO THE EVALUATION BOARD INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, TITLE, FITNESS FOR A PARTICULAR PURPOSE OR NONINFRINGEMENT OF
INTELLECTUAL PROPERTY RIGHTS. IN NO EVENT WILL ADI AND ITS LICENSORS BE LIABLE FOR ANY INCIDENTAL, SPECIAL, INDIRECT, OR CONSEQUENTIAL DAMAGES RESULTING FROM CUSTOMER’S
POSSESSION OR USE OFTHE EVALUATION BOARD, INCLUDING BUT NOT LIMITEDTO LOST PROFITS, DELAY COSTS, LABOR COSTS OR LOSS OF GOODWILL. ADI’STOTAL LIABILITY FROM ANY AND ALL CAUSES
SHALL BE LIMITEDTOTHE AMOUNT OF ONE HUNDRED US DOLLARS ($100.00). EXPORT. Customer agrees that it will not directly or indirectly export the Evaluation Board to another country, and that it will
comply with all applicable United States federal laws and regulations relating to exports. GOVERNING LAW. This Agreement shall be governed by and construed in accordance with the substantive laws of
the Commonwealthof Massachusetts(excluding conflictof law rules). Anylegal actionregardingthisAgreement will beheardinthestateor federal courtshaving jurisdictioninSuffolk County, Massachusetts,
and Customer hereby submits to the personal jurisdiction and venue of such courts.The United Nations Convention on Contracts for the International Sale of Goods shall not apply to this Agreement and is
expressly disclaimed.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
UG14928-0-8/16(0)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com