Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-10MSOPEBZ Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-10MSOPEBZ
Description  Evaluation Board for 10-Lead MSOP Devices in the Switches and Multiplexers Portfolio
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-10MSOPEBZ Datasheet(HTML) 4 Page - Analog Devices

  EVAL-10MSOPEBZ Datasheet HTML 1Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 2Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 3Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 4Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 5Page - Analog Devices EVAL-10MSOPEBZ Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UG-1037
EVAL-10MSOPEBZ User Guide
Rev. 0 | Page 4 of 6
EVALUATION BOARD SCHEMATIC AND ARTWORK
Figure 2. EVAL-10MSOPEBZ Evaluation Board Schematic
Vdd
Gnd
All 'P' parts to be socket pins
All 'T' parts to be test points
C3 and up socket pins
Make C2 generic for smaller caps if possible
J1
J2
J3
J4
C1
0.1uF
+
C2
10uF
C3
C4
C5
T1
T2
C6
C7
C8
T3
C9
C10
C11
T4
C12
C13
C14
T5
C15
C16
C17
C18
C19
C20
T6
T7
C21
C22
C23
T8
C24
C25
C26
T9
C27
C28
C29
T10
C30
C31
C32
1
2
3
4
56
7
8
9
10
U1
10MSOIC
P1
P2
P3
P4
X1
10-USOIC-HENLEY_SKT
X2
CLAMP-SOIC-TSSOP
J5-1
J5-2
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com