Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B597 Datasheet(PDF) 7 Page - EPCOS

Part # B597
Description  PTC thermistors for overcurrent protection and as inrush current limiters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B597 Datasheet(HTML) 7 Page - EPCOS

Back Button B597 Datasheet HTML 3Page - EPCOS B597 Datasheet HTML 4Page - EPCOS B597 Datasheet HTML 5Page - EPCOS B597 Datasheet HTML 6Page - EPCOS B597 Datasheet HTML 7Page - EPCOS B597 Datasheet HTML 8Page - EPCOS B597 Datasheet HTML 9Page - EPCOS B597 Datasheet HTML 10Page - EPCOS B597 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PTC thermistors for overcurrent protection and as inrush current limiters
Leaded disks, 260 V up to 1000 V
B597**C0*/ B594**C1*
PPD PTC PD
2022-01-28
Please read Cautions and warnings and
Page 7 of 23
Important notes at the end of this document.
Reliability data for inrush current limiters and overcurrent protection
Test
Standard
Test conditions
Ɩ∆R25/R25Ɩ
Electrical endurance,
cycling
IEC 60738-1
Overcurrent
protection
Inrush current limiters
Room temperature,
IS,max, Vmax
Number of cycles: 100
Room temperature, Vlink,max
applied energy
< Cth
· (Tref − TA)
Number of cycles: 100 000
< 25%
Electrical endurance,
constant
IEC 60738-1
Storage at Vmax and Top,max (at Vmax)
Test duration: 1000 h
< 25%
Damp heat
IEC 60738-1
Temperature of air: +40 °C
Relative humidity of air: 93%
Duration: 56 days
Test according to IEC 60068-2-78
< 10%
Rapid change of
temperature
IEC 60738-1
T1 = Top,min(0 V), T2 = Top,max (0 V)
Number of cycles: 5
Test duration: 30 min
Test according to IEC 60068-2-14, test Na
< 10%
Vibration
IEC 60738-1
Frequency range: 10 to 55 Hz
Displacement amplitude: 0.75 mm
Test duration: 3 × 2 h
Test according to IEC 60068-2-6, test Fc
< 5%
Shock
IEC 60738-1
Acceleration : 500 m/s2
Pulse duration: 11 ms; 6 x 3 pulses
< 5%
Climatic sequence
IEC 60738-1
Dry heat: T = Top,max (0 V)
Test duration: 16 h
Damp heat first cycle
Cold: T = Top,min (0 V)
Test duration: 2 h
Damp heat 5 cycles
Tests performed according to
IEC 60068-2-30
< 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com