Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B597 Datasheet(PDF) 13 Page - EPCOS

Part # B597
Description  PTC thermistors for overcurrent protection and as inrush current limiters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B597 Datasheet(HTML) 13 Page - EPCOS

Back Button B597 Datasheet HTML 9Page - EPCOS B597 Datasheet HTML 10Page - EPCOS B597 Datasheet HTML 11Page - EPCOS B597 Datasheet HTML 12Page - EPCOS B597 Datasheet HTML 13Page - EPCOS B597 Datasheet HTML 14Page - EPCOS B597 Datasheet HTML 15Page - EPCOS B597 Datasheet HTML 16Page - EPCOS B597 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PTC thermistors for overcurrent protection and as inrush current limiters
Leaded disks, 260 V up to 1000 V
B597**C0*/ B594**C1*
PPD PTC PD
2022-01-28
Please read Cautions and warnings and
Page 13 of 23
Important notes at the end of this document.
Characteristics (typical)
PTC current IPTC versus PTC voltage VPTC
(measured at 25 °C in still air)
Rated current IR versus ambient temperature TA
(measured in still air)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com