Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B597 Datasheet(PDF) 21 Page - EPCOS

Part # B597
Description  PTC thermistors for overcurrent protection and as inrush current limiters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B597 Datasheet(HTML) 21 Page - EPCOS

Back Button B597 Datasheet HTML 15Page - EPCOS B597 Datasheet HTML 16Page - EPCOS B597 Datasheet HTML 17Page - EPCOS B597 Datasheet HTML 18Page - EPCOS B597 Datasheet HTML 19Page - EPCOS B597 Datasheet HTML 20Page - EPCOS B597 Datasheet HTML 21Page - EPCOS B597 Datasheet HTML 22Page - EPCOS B597 Datasheet HTML 23Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PTC thermistors for overcurrent protection and as inrush current limiters
Leaded disks, 260 V up to 1000 V
B597**C0*/ B594**C1*
PPD PTC PD
2022-01-28
Please read Cautions and warnings and
Page 21 of 23
Important notes at the end of this document.
Symbol
Term
T
Temperature
t
Time
TA
Ambient temperature
ta
Thermal threshold time
TC
Ferroelectric Curie temperature
tE
Settling time (for level sensors)
TR
Rated temperature at 25 °C or otherwise specified in the data sheet
Tsense
Sensing temperature
Top
Operating temperature
TPTC
PTC temperature
tR
Response time
Tref
Reference temperature
TRmin
Temperature at minimum resistance
tS
Switching time
Tsurf
Surface temperature
UCT
Upper category temperature
V or Vel
Voltage (with subscript only for distinction from volume)
Vc(max)
Maximum DC charge voltage of the surge generator
VF,max
Maximum voltage applied at fault conditions in protection mode
VRMS
Root-mean-square value of voltage
VBD
Breakdown voltage
Vins
Insulation test voltage
Vlink,max
Maximum link voltage
Vmax
Maximum operating voltage
Vmax,dyn
Maximum dynamic (short-time) operating voltage
Vmeas
Measuring voltage
VR
Rated voltage
VPTC
Voltage drop across a PTC thermistor
α
Temperature coefficient
∆
Tolerance, change
δ
Dissipation factor
τth
Thermal cooling time constant
λ
Failure rate
Lead spring (in mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com