Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS08D Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HCS08D
Description  Quad 2-input AND gate with Schmitt-trigger inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS08D Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HCS08D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Nexperia
74HCS08
Quad 2-input AND gate with Schmitt-trigger inputs
9.1. Transfer characteristic waveforms and graphs
9.1.1. For inputs
mnb154
VO
VH
VI
VT+
VT-
Fig. 4. Transfer characteristic
mnb155
VO
VI
VH
VT+
VT-
Fig. 5. Definitions of VT+, VT- and VH
aaa-036299
0
0.5
1
1.5
2
2.5
3
3.5
0
0.05
0.1
0.15
0.2
0.25
VIN (V)
ICC
ICC
(mA)
(mA)
(1)
(1)
(2)
(2)
(3)
(3)
(1) VCC = 2.0 V
(2) VCC = 2.5 V
(3) VCC = 3.3 V
Fig. 6. Typical supply current vs the input voltage
aaa-036300
0
1.4
2.8
4.2
5.6
7
0
0.2
0.4
0.6
0.8
VIN (V)
ICC
ICC
(mA)
(mA)
(1)
(1)
(2)
(2)
(3)
(3)
(1) VCC = 4.5 V
(2) VCC = 5.0 V
(3) VCC = 6.0 V
Fig. 7. Typical supply current vs the input voltage
74HCS08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 24 June 2025
5 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com