Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS08D Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74HCS08D
Description  Quad 2-input AND gate with Schmitt-trigger inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS08D Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74HCS08D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Nexperia
74HCS08
Quad 2-input AND gate with Schmitt-trigger inputs
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT108-1
MS-012
sot108-1_po
03-02-19
23-10-27
Unit
mm
max
nom
min
1.75
0.25
0.51
0.25
8.75
1.27
A
Dimensions (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1
A1
A2
A3
bp
c
D(1)
8°
0°
θ
E(1)
e
HE
L
1.05
Lp
v
0.2
w
y
0.25
0.25
0.1
5.8
0.4
3.8
0.10
0.31
0.10
8.55
1.25
6.2
1.27
4.0
inches
max
nom
min
0.069 0.010
0.020 0.010 0.344
0.05
8°
0°
0.041
0.008
0.01
0.01
0.004
0.228
0.016
0.15
0.004
0.012 0.004 0.337
0.049
0.244
0.05
0.16
X
w M
θ
A
A1
A2
bp
D
HE
Lp
detail X
E
e
c
L
v M A
A3
A
7
8
1
14
y
pin 1 index
0
5 mm
scale
Fig. 12. Package outline SOT108-1 (SO14)
74HCS08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 24 June 2025
9 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com