Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCS08D Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HCS08D
Description  Quad 2-input AND gate with Schmitt-trigger inputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCS08D Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HCS08D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCS08D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
74HCS08
Quad 2-input AND gate with Schmitt-trigger inputs
4. Functional diagram
A
B
Y
aaa-043578
Fig. 1. Logic diagram (one gate)
mna222
1A
1B
1Y
2
1
3
2A
2B
2Y
5
4
6
3A
3B
3Y
10
9
8
4A
4B
4Y
13
12
11
Fig. 2. Logic symbol
mna223
3
&
&
&
&
2
1
6
5
4
8
10
9
11
13
12
Fig. 3. IEC logic symbol
5. Pinning information
5.1. Pinning
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
aaa-036070
1
2
3
4
5
6
7
8
10
9
12
11
14
13
D package
SOT108-1 (SO14)
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
aaa-036071
1
2
3
4
5
6
7
8
10
9
12
11
14
13
PW package
SOT402-1 (TSSOP14)
aaa-036072
Transparent top view
2Y
3A
2B
3B
2A
4Y
1Y
4A
1B
4B
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
BQ package
SOT762-1 (DHVQFN14)
GND(1)
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder
the pad. In case soldered, the solder land should remain floating or connected to GND.
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1A, 2A, 3A, 4A
1, 4, 9, 12
data input
1B, 2B, 3B, 4B
2, 5, 10, 13
data input
1Y, 2Y, 3Y, 4Y
3, 6, 8, 11
data output
GND
7
ground (0 V)
VCC
14
supply voltage
74HCS08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2025. All rights reserved
Product data sheet
Rev. 1 — 24 June 2025
2 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com