Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS4MT Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # GS4MT
Description  Panduit Permanent Identification System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GS4MT Datasheet(HTML) 5 Page - PANDUIT CORP.

  GS4MT Datasheet HTML 1Page - PANDUIT CORP. GS4MT Datasheet HTML 2Page - PANDUIT CORP. GS4MT Datasheet HTML 3Page - PANDUIT CORP. GS4MT Datasheet HTML 4Page - PANDUIT CORP. GS4MT Datasheet HTML 5Page - PANDUIT CORP. GS4MT Datasheet HTML 6Page - PANDUIT CORP. GS4MT Datasheet HTML 7Page - PANDUIT CORP. GS4MT Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Permanent Identification System
• To deliver a permanent identification solution
on-site and on demand when it’s needed
• Creates raised characters on stainless steel and
aluminum marker plates, to deliver maximum
visibility for medium to high volume applications
that are exposed to dirt and paint
• Fast embossing speed of up to 300 plates
per hour
• Includes both 3 mm and 5 mm characters
• Compatible with numerous sizes and styles of
metal plates and tags
• Input hopper allows for easy stacking of plates,
saving time and money
• Output hopper keeps plates neatly stacked in
the order that they are embossed
• Includes Easy-Mark Plus™ Labeling Software
• Easy-Mark Plus™ Labeling Software allows for
a quick print legend and exact preview, saving
time and reducing print costs
• Powerful, easy-to-use, and affordable
software that provides innovative features and
functionality to address unique labeling needs
• Quickly create simple or complex labels with text
boxes, lines, frames, or tables, and other useful
tools
• Marker plate formats for use with PES400 are
included
• Design detailed labels with multiple zones and
objects for applications such as rating plates,
arc flash labels, and fiber optic enclosures
• Upgrades available at www.panduit.com
System Requirements:
• 300 MB hard drive space and 2 GB Memory
• Windows XP, Vista, 7, 8, 8.1 or 10
• 32 or 64 bit operating systems
• Microsoft.NET Framework 2.0 or higher
• Mouse or compatible pointing device
• Keyboard Optical Disc Drive or USB Port
Panduit Embossing System *
Easy-Mark Plus ™ Labeling Software
Part Number
Description
Std.
Pkg.
Qty.
PES400
Panduit Embossing System, .188” (5mm) and .118” (3mm) characters, 35.8” x 23.6” x 16.5”,
154lb (75kg), 100 to 240 VAC, 50/60Hz
1
Characters include: ABCD...Z, 0123…9, @  #  %  &  * (   )  -  +    :  ,  .  /  ’
*For use with 1000 pack marker plates only.
Part Number
Description
Std
Pkg.
Qty.
Std.
Ctn.
Qty.
EMPLUS-CD
Easy-Mark Plus™ Labeling Software, CD-ROM.
1
10
EMPLUS-DL
Easy-Mark Plus™ Labeling Software, online download.
EMPLUS-2GO
Easy-Mark Plus™ Portable Application, USB flash drive.
EMPLUS-SERVER Easy-Mark Plus™ Labeling Software, networkable server based version.
^Windows is a registered trademark of Microsoft Corp. in the United States and/or other countries.
5
Patented
5 mm font on MMP-M
3 mm font on MMT350W17-Q



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com