Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS4MT Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # GS4MT
Description  Panduit Permanent Identification System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GS4MT Datasheet(HTML) 8 Page - PANDUIT CORP.

  GS4MT Datasheet HTML 1Page - PANDUIT CORP. GS4MT Datasheet HTML 2Page - PANDUIT CORP. GS4MT Datasheet HTML 3Page - PANDUIT CORP. GS4MT Datasheet HTML 4Page - PANDUIT CORP. GS4MT Datasheet HTML 5Page - PANDUIT CORP. GS4MT Datasheet HTML 6Page - PANDUIT CORP. GS4MT Datasheet HTML 7Page - PANDUIT CORP. GS4MT Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT US/CANADA
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
© 2017 Panduit Corp.
ALL RIGHTS RESERVED.
SSCB33--SA-ENG
Replaces SSCB25
10/2017
For more information
Visit us at www.panduit.com
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300 and reference SSCB33
Cable Tie Installation Tools
• Tools speed installation
• Feature high reliability, low maintenance,
long life
• GS4MT and PBTMT feature automatic
tension and cut-off capabilities for improved
productivity and installer safety
PBTMT
Pan-Steel® Stainless Steel Cable Ties
• Delivers strength, long life, and resistance
to chemicals, vibration, radiation,
weathering and extreme temperatures
• Use with Pan-Steel® Marker Plates and
Tags for fast installation at the lowest
installed cost
• Smooth surfaces and rounded edges,
protects the cable bundle and the installer
for improved productivity, job site safety,
and reliability
• Patented self-locking head reduces
installation steps for improved productivity
MLTS
MLTH
Permanent Identification System
Part Number
Max. Bundle
Diameter
Length*
Min. Loop
Tensile
Strength**
Min. Bundle
Diameter
Width
Thickness
Recommended Panduit
Installation Tool
Std.
Pkg.
Qty.^
Std.
Ctn.
Qty.
In.
mm
In.
mm
Lbs.
N
In.
mm
In.
mm
In.
mm
AISI 304 Stainless Steel – For General Purpose
Standard Cross Section
MLT1S-CP
1.0
25
5.0
127
200
890
0.50
12.7
0.18
4.6
0.010
0.25
GS4MT, HTMT, ST2MT
100
500
MLT2S-CP
2.0
51
7.9
201
MLT4S-CP
4.0
102
14.3
362
MLT6S-CP
6.0
152
20.5
521
Heavy Cross Section
MLT2H-LP
2.0
51
7.9
201
450
2000
0.50
12.7
0.31
7.9
0.010
0.25
PBTMT(/E), GS4MT, HTMT, ST2MT
50
250
MLT4H-LP
4.0
102
14.3
362
MLT6H-LP
6.0
152
20.5
521
AISI 316 Stainless Steel – For Superior Corrosion Resistance
Standard Cross Section
MLT1S-CP316
1.0
25
5.0
127
200
890
0.50
12.7
0.18
4.6
0.010
0.25
GS4MT, HTMT, ST2MT
100
500
MLT2S-CP316
2.0
51
7.9
201
MLT4S-CP316
4.0
102
14.3
362
MLT6S-CP316
6.0
152
20.5
521
Heavy Cross Section
MLT2H-LP316
2.0
51
7.9
201
450
2000
0.50
12.7
0.31
7.9
0.010
0.25
PBTMT(/E), GS4MT, HTMT, ST2MT
50
250
MLT4H-LP316
4.0
102
14.3
362
MLT6H-LP316
6.0
152
20.5
521
*Other lengths available, contact customer service.
**Tested per SAE Standard AS23190/3 (formerly MIL).
^Order number of pieces required, in multiples of Standard Package Quantity.
See pages 6 and 7 for stainless steel and brass marker plates and tags.
Part Number
Description
Std.
Pkg.
Qty.
High Volume Use
PBTMT
Battery powered installation tool, for use with Pan-Steel® Heavy, Extra-Heavy, and
Super-Heavy Cross Section MLT Style Ties, and MLTD Double Wrapped Style Ties,
2 – 12 volt lithium-ion batteries and 115 volt, 60 Hz charger included.
1
Medium Volume Use
ST2MT
Used with Standard and Heavy Cross Section Pan-Steel® Type MLT Ties.
1
GS4MT
Used with Heavy Cross Section Pan-Alum™ Type MLT Ties and
Standard and Heavy Cross Section Pan-Steel® Type MLT Ties.
1
GS4MT
ST2MT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com