Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS4MT Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # GS4MT
Description  Panduit Permanent Identification System
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GS4MT Datasheet(HTML) 2 Page - PANDUIT CORP.

  GS4MT Datasheet HTML 1Page - PANDUIT CORP. GS4MT Datasheet HTML 2Page - PANDUIT CORP. GS4MT Datasheet HTML 3Page - PANDUIT CORP. GS4MT Datasheet HTML 4Page - PANDUIT CORP. GS4MT Datasheet HTML 5Page - PANDUIT CORP. GS4MT Datasheet HTML 6Page - PANDUIT CORP. GS4MT Datasheet HTML 7Page - PANDUIT CORP. GS4MT Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Permanent Identification System
Key Features
Benefits
Panduit Custom Marking Service
Custom marking service
Creates embossed or laser etched metal plates, tags, and ties to speed
installation time and reduce labor costs
Rapid shipment worldwide
Provides quick product availability to the job site to keep projects
on schedule
Embossing capability
Creates raised characters for maximum visibility in applications that are
exposed to dirt and paint
Laser etching capability
Provides crisp, high quality text and graphics for improved visibility
Applications
Cable Identification
Pipe Identification
Valve/Device
Identification
General Mechanical
Identification
Technical Information
Pan-Steel® Stainless Steel,
Marker Plates, Tags,
and Cable Ties
Pan-Alum™
Aluminum Marker Plates
and Cable Ties
Brass Tags
Material:
304 and 316
Grade Stainless Steel
Aluminum –
Natural and Anodized
Brass
Maximum
temperature rating:
538°C
(1000°F)
100°C
(212°F)
150°C
(302°F)
Minimum
temperature rating:
-80°C
(-112°F)
-80°C
(-112°F)
-80°C
(-112°F)
RoHS:
Compliant
Compliant
Compliant
Flammability:
Non-flammable
Non-flammable
Non-flammable
Ultraviolet
light resistance:
Excellent
Good
Excellent
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com