Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T024X000FJC-BK Datasheet(PDF) 4 Page - PANDUIT CORP.

Part # T024X000FJC-BK
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000FJC-BK Datasheet(HTML) 4 Page - PANDUIT CORP.

  T024X000FJC-BK Datasheet HTML 1Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 2Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 3Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 4Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 5Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 6Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 7Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 8Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
• Fast-loading P1™ Label Cassettes includes both label material and ribbon to make changing
labels easy
• Innovative label design allows labels to rotate for visibility from any angle, and for repositioning
on the wire/cable to align legends and improve aesthetics
• Labels can be easily installed on existing terminated wires and assemblies without disconnecting
the wires/cables
Order number of cassettes required.
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Marker plates are designed for use on larger diameter wire/cables and may be applied after all terminations are complete
• Meets requirements for MIL-STD-202F, Notice 12 Method 215J
Order number of cassettes required.
Polymer Film (V1, V2, V3, V7, V8)
-40°F to 200°F (-40°C to 93°C)
Polyester/Polyolefin (Y6, Y7)
-58°F to 221°F (-50°C to 105°C)
Part Number
Color
Width
Length
Print-On Area Width
Recommended Cable Tie
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
Vertical
Horizontal
M300X050Y6C
Yellow
3.00
76.2
0.50
12.7
1.80
45.7
PLT2.5I-C
PLT2.5I-C
50
1
10
M300X050Y7C
White
3.00
76.2
0.50
12.7
1.80
45.7
PLT2.5I-C
PLT2.5I-C
50
1
10
Part Number
Part Description
Color
Width
Length
Print-On
Area Height
Min. Cable
O.D.
Max. Wire
O.D.
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
R100X075V1C White print-on area, 18 – 14 AWG
wire/cable, 150/cassette.
White 1.00
25.4
0.75
19.1
0.25
6.4
0.12
3.1
0.16
4.1
1
10
R100X125V1C White print-on area, 12 – 10 AWG
wire/cable, Cat. 3 UTP cable, 100/
cassette.
White 1.00
25.4
1.25
31.8
0.38
9.7
0.16
4.1
0.22
5.6
1
10
R100X150V1C White print-on area, 10 – 6 AWG wire/
cable, Cat. 5e/6/6A UTP and
Cat. 5e FTP cable, 100/cassette.
White 1.00
25.4
1.50
38.1
0.50
12.7
0.22
5.6
0.28
7.1
1
10
R100X150V2C Blue print-on area, 10 – 6 AWG wire/
cable, Cat. 5e/6/6A UTP and
Cat. 5e FTP cable, 100/cassette.
TIA
Blue
1.00
25.4
1.50
38.1
0.50
12.7
0.22
5.6
0.28
7.1
1
10
R100X150V3C Green print-on area, 10 – 6 AWG
wire/cable, Cat. 5e/6/6A UTP and
Cat. 5e FTP cable, 100/cassette.
TIA
Green
1.00
25.4
1.50
38.1
0.50
12.7
0.22
5.6
0.28
7.1
1
10
R100X150V7C Red print-on area, 10 – 6 AWG wire/
cable, Cat. 5e/6/6A UTP and
Cat. 5e FTP cable, 100/cassette.
TIA
Red
1.00
25.4
1.50
38.1
0.50
12.7
0.22
5.6
0.28
7.1
1
10
R100X150V8C Yellow print-on area, 10 – 6 AWG
wire/cable, Cat. 5e/6/6A UTP and
Cat. 5e FTP cable, 100/cassette.
TIA
Yellow
1.00
25.4
1.50
38.1
0.50
12.7
0.22
5.6
0.28
7.1
1
10
R100X225V1C White print-on area, 8 – 4 AWG wire/
cable, Cat. 6 FTP and
Cat. 6A cable, 75/cassette.
White 1.00
25.4
2.25
57.2
0.75
19.1
0.28
7.1
0.39
9.9
1
10
R100X225V2C Blue print-on area, 8 – 4 AWG wire/
cable, Cat. 6 FTP and
Cat. 6A cable, 75/cassette.
TIA
Blue
1.00
25.4
2.25
57.2
0.75
19.1
0.28
7.1
0.39
9.9
1
10
R100X225V3C Green print-on area, 8 – 4 AWG wire/
cable, Cat. 6 FTP and
Cat. 6A cable, 75/cassette.
TIA
Green
1.00
25.4
2.25
57.2
0.75
19.1
0.28
7.1
0.39
9.9
1
10
R100X225V7C Red print-on area, 8 – 4 AWG wire/
cable, Cat. 6 FTP and
Cat. 6A cable, 75/cassette.
TIA
Red
1.00
25.4
2.25
57.2
0.75
19.1
0.28
7.1
0.39
9.9
1
10
R100X225V8C Yellow print-on area, 8 – 4 AWG wire/
cable, Cat. 6 FTP and
Cat. 6A cable, 75/cassette.
TIA
Yellow
1.00
25.4
2.25
57.2
0.75
19.1
0.28
7.1
0.39
9.9
1
10
Turn-Tell® Label Cassettes
Marker Plate Label Cassettes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com