Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T024X000FJC-BK Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # T024X000FJC-BK
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000FJC-BK Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button T024X000FJC-BK Datasheet HTML 3Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 4Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 5Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 6Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 7Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 8Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 9Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 10Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Multi-purpose labels for identifying flat surfaces such as components, control panels, circuit boards, and general labeling
• Die-cut labels designed to provide maximum aesthetic quality and appearance
• Vinyl cloth labels can be repositioned or reused
• Super tack adhesive labels are ideal for rough, textured, or coated surfaces
• Tamper-resistant, destructible labels are designed to prevent easy removal
Order number of cassettes required.
Vinyl Cloth (CB)
50°F to 170°F (10°C to 77°C)
Polyester (YJ, YL, YM)
-40°F to 302°F (-40°C to 150°C)
Vinyl Cloth Component Labels
Super Tack Polyester Component Labels
Polyester Component Labels
Polyester Super Tack (YP)
-40°F to 302°F (-40°C to 150°C)
Order number of cassettes required.
Order number of cassettes required.
Tamper Resistant Polyolefin (FN)
-40°F to 176°F (-40°C to 80°C)
Order number of cassettes required.
Tamper Resistant Component Labels
Part Number
Color
Width
Height
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C100X050CBC
White
1.00
25.4
0.50
12.7
175
1
10
C200X050CBC
White
2.00
50.8
0.50
12.7
50
1
10
Part Number
Color
Width
Height
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C189X047FNC
White
1.89
48.0
0.47
12.0
175
1
10
Part Number
Color
Width
Height
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C100X050YPC
White
1.00
25.4
0.50
12.7
250
1
10
C150X075YPC
White
1.50
38.1
0.75
19.1
175
1
10
C200X050YPC
White
2.00
50.8
0.50
12.7
150
1
10
C200X100YPC
White
2.00
50.8
1.00
25.4
150
1
10
Part Number
Color
Width
Height
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C060X020YJC
White
0.60
15.2
0.20
5.1
750
1
10
C075X025YLC
Yellow
0.75
19.1
25.4
6.4
500
1
10
C100X025YJC
White
1.00
25.4
0.25
6.4
500
1
10
C100X025YLC
Yellow
1.00
25.4
0.25
6.44
500
1
10
C100X050YJC
White
1.00
25.4
0.50
12.7
500
1
10
C100X050YMC
Silver
1.00
25.4
0.50
12.7
500
1
10
C150X075YJC
White
1.50
38.1
0.75
19.1
250
1
10
C200X050YJC
White
2.00
50.8
0.50
12.7
200
1
10
C200X100YJC
White
2.00
50.8
1.00
25.4
200
1
10
C200X100YMC
Silver
2.00
50.8
1.00
25.4
150
1
10
General Component Label Cassettes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com