Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T024X000FJC-BK Datasheet(PDF) 8 Page - PANDUIT CORP.

Part # T024X000FJC-BK
Description  PanTher ™ LS8E and LS8EQ Hand-Held Thermal Transfer Printers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T024X000FJC-BK Datasheet(HTML) 8 Page - PANDUIT CORP.

Back Button T024X000FJC-BK Datasheet HTML 4Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 5Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 6Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 7Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 8Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 9Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 10Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 11Page - PANDUIT CORP. T024X000FJC-BK Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
• To find the suggested label solutions for a specific network component, refer to the Physical Infrastructure Systems
Catalog (SA-NCCB51)
• Fast-loading P1™ Label Cassette includes both label material and ribbon to make changing labels easy
• Use for identifying patch panels, faceplates, punchdown blocks, and other network systems hardware
• Die-cut labels designed to provide maximum aesthetic quality and appearance
Polyolefin (FJ)
-40°F to 180°F (-40°C to 82°C)
Non-Adhesive Polyester (Y1)
-10°F to 311°F (-23°C to 155°C)
Non-Adhesive Polyester Component Labels
Polyolefin Component Labels
Order number of cassettes required.
Order number of cassettes required.
Part Number
Color
Width
Height
Application
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C061X030FJC
White
0.61
15.5
0.30
7.6
1-port
500
1
10
C125X030FJC
White
1.25
31.8
0.30
7.6
2-port
200
1
10
C138X019FJC
White
1.38
35.1
0.19
4.8
module
200
1
10
C188X030FJC
White
1.88
47.8
0.30
7.6
3-port
150
1
10
C200X100FJC
White
2.00
50.8
1.00
25.4
SLCT
150
1
10
C252X030FJC
White
2.52
64.0
0.30
7.6
4-port
125
1
10
C261X030FJC
White
2.61
66.3
0.30
7.6
4-port
125
1
10
C315X030FJC
White
3.15
80.0
0.30
7.6
5-port
100
1
10
C379X030FJC
White
3.79
96.3
0.30
7.6
6-port
75
1
10
Part Number
Color
Width
Height
Application
Labels Per
Cassette
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
In.
mm
C150X030Y1C
White
1.50
38.1
0.30
7.6
3-port
200
1
10
C195X040Y1C
White
1.95
49.5
0.40
10.2
Single-gang faceplate
100
1
10
C261X035Y1C
White
2.61
66.3
0.35
8.9
4-port
75
1
10
C282X030Y1C
White
2.82
71.6
0.30
7.6
4-port
75
1
10
C288X040Y1C
White
2.88
73.2
0.40
10.2
Double-gang faceplate
75
1
10
C390X030Y1C
White
3.90
99.1
0.30
7.6
6-port
50
1
10
C750X050Y1C
White
7.50
190.5
0.50
12.7
110 Punchdown Block
30
1
10
C788X050Y1C
White
7.88
200.2
0.50
12.7
GP6™ PLUS Punchdown System
30
1
10
Network Component Label Cassettes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com