Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  ±0.25°C Accurate, 16-Bit Digital ±0.25°C Accurate, 16-Bit Digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADT7420UCPZ-R2  Datasheet HTML 1Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 2Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 3Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 4Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 5Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 6Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 7Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 8Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
ADT7420
Rev. 0 | Page 3 of 24
SPECIFICATIONS
TA = −40°C to +125°C, VDD = 2.7 V to 5.5 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy1
0.0017
±0.202
°C
TA = −10°C to +85°C, VDD = 3.0 V
±0.25
°C
TA = −20°C to +105°C, VDD = 2.7 V to 3.3 V
±0.31
°C
TA = −40°C to +105°C, VDD = 3.0 V
±0.35
°C
TA = −40°C to +105°C, VDD = 2.7 V to 3.3 V
±0.50
°C
TA = −40°C to +125°C, VDD = 2.7 V to 3.3 V
±0.503
°C
TA = −10°C to +105°C, VDD = 4.5 V to 5.5 V
±0.66
°C
TA = −40°C to +125°C, VDD = 4.5 V to 5.5 V
−0.85
°C
TA = +150°C, VDD = 4.5 V to 5.5 V
−1.0
°C
TA = +150°C, VDD = 2.7 V to 3.3 V
ADC Resolution
13
Bits
Twos complement temperature value of the
sign bit plus 12 ADC bits (power-up default
resolution)
16
Bits
Twos complement temperature value of the
sign bit plus 15 ADC bits (Bit 7 = 1 in the
configuration register)
Temperature Resolution
13-Bit
0.0625
°C
13-bit resolution (sign + 12-bit)
16-Bit
0.0078
°C
16-bit resolution (sign + 15-bit)
Temperature Conversion Time
240
ms
Continuous conversion and one-shot
conversion modes
Fast Temperature Conversion Time
6
ms
First conversion on power-up only
1 SPS Conversion Time
60
ms
Conversion time for 1 SPS mode
Temperature Hysteresis4
±0.002
°C
Temperature cycle = 25°C to 125°C and back
to 25°C
Repeatability5
±0.015
°C
TA = 25°C
Drift6
0.0073
°C
500 hour stress test at +150°C with VDD = 5.0 V
DC PSRR
0.1
°C/V
TA = 25°C
DIGITAL OUTPUTS (CT, INT, SDA—OPEN DRAIN)
High Output Leakage Current, IOH
0.1
5
µA
CT and INT pins pulled up to 5.5 V
Output Low Voltage, VOL
0.4
V
IOL = 3 mA at 5.5 V, IOL = 1 mA at 3.3 V
Output High Voltage, VOH
0.7 × VDD
V
Output Capacitance, COUT
2
pF
DIGITAL INPUTS (SCL, SDA, A0, A1)
Input Current
±1
µA
VIN = 0 V to VDD
Input Low Voltage, VIL
0.3 × VDD
V
SCL and SDA only
0.4
V
A0 and A1 only
Input High Voltage, VIH
0.7 × VDD
V
SCL and SDA only
2
V
A0 and A1 only
SCL, SDA Glitch Rejection
50
ns
Input filtering suppresses noise spikes of less
than 50 ns
Pin Capacitance
2
10
pF
POWER REQUIREMENTS
Supply Voltage
2.7
5.5
V
Supply Current
At 3.3 V
210
265
µA
Peak current while converting, I2C interface
inactive
At 5.5 V
250
300
µA
Peak current while converting, I2C interface
inactive
1 SPS Current
At 3.3 V
46
µA
VDD = 3.3 V, 1 SPS mode, TA = 25°C
At 5.5 V
65
µA
VDD = 5.5 V, 1 SPS mode, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com