Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  ±0.25°C Accurate, 16-Bit Digital ±0.25°C Accurate, 16-Bit Digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADT7420UCPZ-R2  Datasheet HTML 1Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 2Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 3Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 4Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 5Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 6Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 7Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 8Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
±0.25°C Accurate, 16-Bit Digital
I2C Temperature Sensor
Data Sheet
ADT7420
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High performance
Temperature accuracy
±0.20°C from −10°C to +85°C at 3.0 V
±0.25°C from −20°C to +105°C from 2.7 V to 3.3 V
16-bit resolution: 0.0078°C
Ultralow temperature drift: 0.0073°C
NIST traceable or equivalent
Fast first temperature conversion on power-up of 6 ms
Easy implementation
No temperature calibration/correction required by user
No linearity correction required
Low power
Power-saving 1 sample per second (SPS) mode
700 µW typical at 3.3 V in normal mode
7 µW typical at 3.3 V in shutdown mode
Wide operating ranges
Temperature range: −40°C to +150°C
Voltage range: 2.7 V to 5.5 V
Programmable interrupts
Critical overtemperature interrupt
Overtemperature/undertemperature interrupt
I2C-compatible interface
16-lead, 4 mm × 4 mm LFCSP RoHS-compliant package
APPLICATIONS
RTD and thermistor replacement
Thermocouple cold junction compensation
Medical equipment
Industrial control and test
Food transportation and storage
Environmental monitoring and HVAC
Laser diode temperature control
GENERAL DESCRIPTION
The ADT7420 is a high accuracy digital temperature sensor
offering breakthrough performance over a wide industrial range,
housed in a 4 mm × 4 mm LFCSP package. It contains an internal
band gap reference, a temperature sensor, and a 16-bit ADC to
monitor and digitize the temperature to 0.0078°C resolution.
The ADC resolution, by default, is set to 13 bits (0.0625°C).
The ADC resolution is a user programmable mode that can be
changed through the serial interface.
The ADT7420 is guaranteed to operate over supply voltages from
2.7 V to 5.5 V. Operating at 3.3 V, the average supply current is typi-
cally 210 μA. The ADT7420 has a shutdown mode that powers
down the device and offers a shutdown current of typically 2.0 μA
at 3.3 V. The ADT7420 is rated for operation over the −40°C to
+150°C temperature range.
Pin A0 and Pin A1 are available for address selection, giving the
ADT7420 four possible I2C addresses. The CT pin is an open-
drain output that becomes active when the temperature exceeds
a programmable critical temperature limit. The INT pin is also
an open-drain output that becomes active when the tempera-
ture exceeds a programmable limit. The INT pin and CT pin
can operate in comparator and interrupt event modes.
PRODUCT HIGHLIGHTS
1.
Ease of use, no calibration or correction required by the user.
2.
Low power consumption.
3.
Excellent long-term stability and reliability.
4.
High accuracy for industrial, instrumentation, and medical
applications.
5.
Packaged in a 16-lead, 4 mm × 4 mm LFCSP RoHS-
compliant package.
FUNCTIONAL BLOCK DIAGRAM
INTERNAL
REFERENCE
POINTER
REGISTER
STATUS
REGISTER
12
11
TEMPERATURE
VALUE REGISTER
CONFIGURATION
REGISTER
THYST
REGISTER
TLOW
REGISTER
THIGH
REGISTER
TCRIT
REGISTER
SOFTWARE
RESET REGISTER
ID
REGISTER
TEMPERATURE
SENSOR
THIGH
TCRIT
TLOW
INTERNAL
OSCILLATOR
FILTER
LOGIC
MODULATOR
VDD
GND
10
9
CT
INT
3
4
A0
A1
1
2
SCL
SDA
I2C INTERFACE
ADT7420
Figure 1.


Similar Part No. - ADT7420UCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420UCPZ-R2 AD-ADT7420UCPZ-R2 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Similar Description - ADT7420UCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
-2 C Accurate, 12-Bit Digital Temperature Sensor
3/06-Revision 0
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
Linear Technology
LT1468 LINER-LT1468_09 Datasheet
223Kb / 16P
16-Bit Accurate Operational Amplifi er
logo
Analog Devices
ADT7320 AD-ADT7320 Datasheet
275Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420 Datasheet
384Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
Rev. PrA
ADT7420 AD-ADT7420_12 Datasheet
419Kb / 24P
짹0.25째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
ADT7320 AD-ADT7320_11 Datasheet
423Kb / 24P
짹0.25째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7302 AD-ADT7302_17 Datasheet
280Kb / 17P
Accurate, Micropower Digital Accurate, Micropower Digital
Rev. B
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com