Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7420UCPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADT7420UCPZ-R2
Description  ±0.25°C Accurate, 16-Bit Digital ±0.25°C Accurate, 16-Bit Digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7420UCPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADT7420UCPZ-R2  Datasheet HTML 16Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 17Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 18Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 19Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 20Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 21Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 22Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 23Page - Analog Devices ADT7420UCPZ-R2  Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
ADT7420
Rev. 0 | Page 19 of 24
READING DATA
Reading data from the ADT7420 is done in a single data byte
operation for the configuration register, the status register,
the THYST setpoint register, and the ID register. A two data byte
read operation is needed for the temperature value register,
THIGH setpoint register, TLOW setpoint register, and the TCRIT
setpoint register. Reading back the contents of an 8-bit register
similar to the configuration register is shown in Figure 16.
Reading back the contents of the temperature value register
is shown in Figure 17.
Reading back from any register first requires a single-byte write
operation to the address pointer register to set up the address of
the register that is going to be read from. In the case of reading
back from the 2-byte registers, the address pointer automatically
increments from the MSB register address to the LSB register
address.
To read from another register, execute another write to the
address pointer register to set up the relevant register address.
Thus, block reads are not possible, that is, there is no I2C address
pointer auto-increment except when reading back from a 16-bit
register. If the address pointer register has previously been set
up with the address of the register that is going to receive a read
command, there is no need to repeat a write operation to set up
the register address again.
SCL
SDA
1
1
0
0
1
A1
0
A0
REPEAT START
BY MASTER
FRAME 3
SERIAL BUS ADDRESS
BYTE
FRAME 4
DATA BYTE FROM CONFIGURATION
REGISTER
STOP BY
MASTER
ACK. BY
ADT7420
NO ACK. BY
MASTER
R/W
D7
D6
D5
D4
D3
D2
D1
D0
9
9
1
SCL
SDA
1
1
0
0
1
A1
A0
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS
BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
ACK. BY
ADT7420
ACK. BY
ADT7420
R/W
P7
P6
P5
P4
P3
P2
P1
P0
9
9
1
0
Figure 16. Reading Back Data from the Configuration Register
NOTES
1. A START CONDITION AT THE BEGINNING IS DEFINED AS A HIGH-TO-LOW TRANSITION ON SDA WHILE SCL REMAINS HIGH.
2. A STOP CONDITION AT THE END IS DEFINED AS A LOW-TO-HIGH TRANSITION ON SDA WHILE SCL REMAINS HIGH.
3. THE MASTER GENERATES THE NO ACKNOWLEDGE AT THE END OF THE READBACK TO SIGNAL THAT IT DOES NOT WANT ADDITIONAL DATA.
4. TEMPERATURE VALUE REGISTER MSB DATA AND TEMPERATURE VALIUE REGISTER LSB DATA ARE ALWAYS SEPARATED BY A LOW ACK BIT.
5. THE R/W BIT IS SET TO A1 TO INDICATE A READBACK OPERATION.
SDA
1
0
0
R/W
A7
A6
SCL
SDA
SCL
1
A1
A0
1
1
0
A1
A0
9
ADT7410 DEVICE ADDRESS
REGISTER ADDRESS[A7:A0]
D1
D0
D7
D6
TEMPERATURE
VALUE REGISTER
MSB DATA
9
1
1
9
9
0
1
A1
A0
R/W
REPEAT
START
D1
D0
D7
D6
ACK. BY
ADT7420
ACK. BY
MASTER
NO
ACK. BY
MASTER
ACK. BY
ADT7420
START
ADT7410 DEVICE ADDRESS
ACK. BY
ADT7420
TEMPERATURE
VALUE REGISTER
LSB DATA
SR
Figure 17. Reading Back Data from the Temperature Value Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com