Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # AD8422ARZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD8422ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 24Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 25Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 26Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 27Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Data Sheet
AD8422
OUTLINE DIMENSIONS
©2013-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. C | 28 of 28
Figure 68. 8-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-8-19)
Dimensions shown in millimeters
Updated: September 19, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
AD8422ACPZ-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-19
A4K
AD8422ACPZ-RL
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 5000
CP-8-19
A4K
AD8422ARMZ
-40°C to +85°C
8-Lead MSOP
RM-8
Y4U
AD8422ARMZ-R7
-40°C to +85°C
8-Lead MSOP
Reel, 1000
RM-8
Y4U
AD8422ARMZ-RL
-40°C to +85°C
8-Lead MSOP
Reel, 3000
RM-8
Y4U
AD8422ARZ
-40°C to +85°C
8-Lead SOIC
R-8
AD8422ARZ-R7
-40°C to +85°C
8-Lead SOIC
Reel, 1000
R-8
AD8422ARZ-RL
-40°C to +85°C
8-Lead SOIC
Reel, 2500
R-8
AD8422BRMZ
-40°C to +85°C
8-Lead MSOP
RM-8
Y4V
AD8422BRMZ-R7
-40°C to +85°C
8-Lead MSOP
Reel, 1000
RM-8
Y4V
AD8422BRMZ-RL
-40°C to +85°C
8-Lead MSOP
Reel, 3000
RM-8
Y4V
AD8422BRZ
-40°C to +85°C
8-Lead SOIC
R-8
AD8422BRZ-R7
-40°C to +85°C
8-Lead SOIC
Reel, 1000
R-8
AD8422BRZ-RL
-40°C to +85°C
8-Lead SOIC
Reel, 2500
R-8
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com