Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8422ARZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8422ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 24Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 25Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 26Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
AD8422
THEORY OF OPERATION
analog.com
Rev. C | 23 of 28
For best performance, maintain a source impedance to the REF
terminal that is below 1 Ω. As shown in Figure 56, the reference
terminal, REF, is at one end of a 10 kΩ resistor. Additional impe-
dance at the REF terminal adds to this 10 kΩ resistor and results in
amplification of the signal connected to the positive input.
The amplification from the additional RREF can be calculated as
2(10 kΩ + RREF)/(20 kΩ + RREF)
Only the positive signal path is amplified; the negative path is
unaffected. This uneven amplification degrades CMRR.
Figure 57. Driving the Reference Pin (REF)
INPUT VOLTAGE RANGE
The 3-op-amp architecture of the AD8422 applies gain in the first
stage before removing common-mode voltage with the difference
amplifier stage. Internal nodes between the first and second stages
(Node 1 and Node 2 in Figure 56) experience a combination of
a gained signal, a common-mode signal, and a diode drop. The
voltage supplies can limit the combined signal, even when the
individual input and output signals are not limited. Figure 11 through
Figure 14 show this limitation in detail.
LAYOUT
To ensure optimum performance of the AD8422 at the PCB level,
take care in the design of the board layout. To aid in this task, the
pins of the AD8422 are arranged in a logical manner.
Figure 58. Pinout Diagram
Common-Mode Rejection Ratio over
Frequency
Poor layout can cause some of the common-mode signals to be
converted to differential signals before reaching the in-amp. Such
conversions occur when one input path has a frequency response
that is different from the other. To maintain high CMRR over fre-
quency, closely match the input source impedance and capacitance
of each path. Place additional source resistance in the input path
(for example, for input protection) close to the in-amp inputs, which
minimizes their interaction with parasitic capacitance from the PCB
traces.
Parasitic capacitance at the gain setting pins (RG) can also affect
CMRR over frequency. If the board design has a component at
the gain setting pins (for example, a switch or jumper), choose
a component such that the parasitic capacitance is as small as
possible.
Power Supplies and Grounding
Use a stable dc voltage to power the instrumentation amplifier.
Noise on the supply pins can adversely affect performance.
Place a 0.1 µF capacitor as close as possible to each supply
pin. Because the length of the bypass capacitor leads is critical
at high frequency, surface-mount capacitors are recommended.
A parasitic inductance in the bypass ground trace works against
the low impedance created by the bypass capacitor. As shown
in Figure 59, a 10 µF capacitor can be used farther away from
the device. For larger value capacitors, intended to be effective at
lower frequencies, the current return path distance is less critical.
In most cases, this capacitor can be shared by other local precision
integrated circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com