Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8422ARZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8422ARZ-R7
Description  High Performance, Low Power, Rail-to-Rail Precision Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8422ARZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8422ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 24Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 25Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 26Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 27Page - Analog Devices AD8422ARZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
AD8422
THEORY OF OPERATION
analog.com
Rev. C | 25 of 28
Figure 62. Input Protection Options for Input Voltages Beyond Absolute
Maximum Ratings
At the expense of some noise performance, another solution is to
use series resistors. In the overvoltage case, current into the inputs
of the AD8422 is internally limited to a safe value for the amplifier.
Although the AD8422 inputs must still be kept within the Absolute
Maximum Ratings, the I × R drop across the protection resistor
increases the maximum voltage that the system can withstand to
the following values:
For positive input signals,
VMAX_NEW = (40 V + Negative Supply) + IIN × RPROTECT
(4)
For negative input signals,
VMIN_NEW = (Positive Supply – 40 V) − IOUT × RPROTECT
(5)
Overvoltage performance is shown in Figure 15, Figure 16, Figure
17, and Figure 18. With gains greater than 100 and supply voltages
less than ±2.5 V, overdrive voltages beyond the rails may cause the
output to invert as far as the REF pin voltage.
RF INTERFERENCE (RFI)
RF rectification is often a problem when amplifiers are used in
applications that have strong RF signals. The disturbance can
appear as a small dc offset voltage. High frequency signals can
be filtered with a low-pass RC network placed at the input of the
instrumentation amplifier, as shown in Figure 63.
Figure 63. RFI Suppression
The filter limits the input signal bandwidth, according to the follow-
ing relationship:
FilterFrequencyDIFF= 12πR(2CD+CC)
(6)
FilterFrequencyCM= 12πRCC
(7)
where CD ≥ 10 CC.
CD affects the difference signal, and CC affects the common-mode
signal. Choose values of R and CC that minimize RFI. A mismatch
between R × CC at the positive input and R × CC at the negative
input degrades the CMRR of the AD8422. By using a value of CD
that is one order of magnitude larger than CC, the effect of the
mismatch is reduced, and performance is improved.
Resistors add noise; therefore, the choice of the resistor and capac-
itor values depends on the desired tradeoff between noise, input
impedance at high frequencies, and RF immunity. The resistors
used for the RFI filter can be the same as those used for input
protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com